Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT823D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ABT823D
Description  9-bit D-type flip-flop with reset and enable; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT823D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ABT823D Datasheet HTML 2Page - NXP Semiconductors 74ABT823D Datasheet HTML 3Page - NXP Semiconductors 74ABT823D Datasheet HTML 4Page - NXP Semiconductors 74ABT823D Datasheet HTML 5Page - NXP Semiconductors 74ABT823D Datasheet HTML 6Page - NXP Semiconductors 74ABT823D Datasheet HTML 7Page - NXP Semiconductors 74ABT823D Datasheet HTML 8Page - NXP Semiconductors 74ABT823D Datasheet HTML 9Page - NXP Semiconductors 74ABT823D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74ABT823_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 23 March 2010
6 of 17
NXP Semiconductors
74ABT823
9-bit D-type flip-flop with reset and enable; 3-state
8.
Recommended operating conditions
9.
Static characteristics
Table 5.
Operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
4.5
-
5.5
V
VI
input voltage
0
-
VCC
V
VIH
HIGH-level input voltage
2.0
-
-
V
VIL
LOW-level Input voltage
-
-
0.8
V
IOH
HIGH-level output current
−32
-
-
mA
IOL
LOW-level output current
-
-
64
mA
Δt/ΔV
input transition rise and fall rate
0
-
5
ns/V
Tamb
ambient temperature
in free air
−40
-
+85
°C
Table 6.
Static characteristics
Symbol
Parameter
Conditions
25
°C
−40 °C to +85 °C Unit
Min
Typ
Max
Min
Max
VIK
input clamping voltage VCC = 4.5 V; IIK = −18 mA
−1.2
−0.9
-
−1.2
-
V
VOH
HIGH-level output
voltage
VI = VIL or VIH
VCC = 4.5 V; IOH = −3 mA
2.5
2.9
-
2.5
-
V
VCC = 5.0 V; IOH = −3 mA
3.0
3.4
-
3.0
-
V
VCC = 4.5 V; IOH = −32 mA
2.0
2.4
-
2.0
-
V
VOL
LOW-level output
voltage
VCC = 4.5 V; IOL = 64 mA;
VI = VIL or VIH
-
0.42
0.55
-
0.55
V
VOL(pu)
power-up LOW-level
output voltage
VCC = 5.5 V; IO = 1 mA;
VI = GND or VCC
[1]
-
0.13
0.55
-
0.55
V
II
input leakage current
VCC = 5.5 V; VI = VCC or GND
-
±0.01 ±1.0
-
±1.0
μA
IOFF
power-off leakage
current
VCC = 0 V; VI or VO ≤ 4.5 V
-
±5.0 ±100
-
±100
μA
IO(pu/pd)
power-up/power-down
output current
VCC = 2.0 V; VO = 0.5 V;
VI = GND or VCC; OE HIGH
[2]
-
±5.0
±50
-
±50
μA
IOZ
OFF-state output
current
VCC = 5.5 V; VI = VIL or VIH
VO = 2.7 V
-
5.0
50
-
50
μA
VO = 0.5 V
-
−5.0
−50
-
−50
μA
ILO
output leakage current HIGH-state; VO = 5.5 V;
VCC = 5.5 V; VI = GND or VCC
-
5.0
50
-
50
μA
IO
output current
VCC = 5.5 V; VO = 2.5 V
[3]
−180
−50
−50
−180
−50
mA
ICC
supply current
VCC = 5.5 V; VI = GND or VCC
outputs HIGH-state
-
0.5
250
-
250
μA
outputs LOW-state
-
27
34
-
34
mA
outputs disabled
-
0.5
250
-
250
μA


Similar Part No. - 74ABT823D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT823D PHILIPS-74ABT823D Datasheet
77Kb / 7P
   9-bit D-type flip-flop with reset and enable 3-State
1995 Sep 06
74ABT823DB PHILIPS-74ABT823DB Datasheet
77Kb / 7P
   9-bit D-type flip-flop with reset and enable 3-State
1995 Sep 06
More results

Similar Description - 74ABT823D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT823 PHILIPS-74ABT823 Datasheet
77Kb / 7P
   9-bit D-type flip-flop with reset and enable 3-State
1995 Sep 06
MB2823 PHILIPS-MB2823 Datasheet
126Kb / 10P
   Dual 9-bit D-type flip-flop with reset and enable 3-State
August 24, 1993
logo
Nexperia B.V. All right...
74ALVT16823 NEXPERIA-74ALVT16823 Datasheet
263Kb / 16P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 6 - 20 October 2020
logo
NXP Semiconductors
74ALVT16823 PHILIPS-74ALVT16823 Datasheet
99Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jun 12
74ALVCH16823 PHILIPS-74ALVCH16823 Datasheet
103Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jul 29
logo
Nexperia B.V. All right...
74ALVCH16823 NEXPERIA-74ALVCH16823 Datasheet
218Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 3 - 1 February 2018
logo
NXP Semiconductors
74ABT16823A PHILIPS-74ABT16823A Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ALVT162823 PHILIPS-74ALVT162823 Datasheet
103Kb / 14P
   18-bit bus-interface D-type flip-flop with reset and enable with 30ohm termination resistors (3-State)
1998 Aug 27
logo
Nexperia B.V. All right...
74ALVT162823 NEXPERIA-74ALVT162823 Datasheet
226Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable with 30 Ω termination resistors; 3-state
Rev. 3 - 23 January 2018
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
   OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com