Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT652AD Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74ABT652AD
Description  Octal transceiver/register; non-inverting; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT652AD Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74ABT652AD Datasheet HTML 7Page - NXP Semiconductors 74ABT652AD Datasheet HTML 8Page - NXP Semiconductors 74ABT652AD Datasheet HTML 9Page - NXP Semiconductors 74ABT652AD Datasheet HTML 10Page - NXP Semiconductors 74ABT652AD Datasheet HTML 11Page - NXP Semiconductors 74ABT652AD Datasheet HTML 12Page - NXP Semiconductors 74ABT652AD Datasheet HTML 13Page - NXP Semiconductors 74ABT652AD Datasheet HTML 14Page - NXP Semiconductors 74ABT652AD Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
74ABT652A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 12 March 2010
11 of 19
NXP Semiconductors
74ABT652A
Octal transceiver/register; non-inverting; 3-state
VM = 1.5 V
Fig 10. 3-state output enable time to HIGH-level and output disable time from HIGH-level
001aae851
An or Bn
VM
VOH − 0.3 V
VM
tPHZ
tPZH
VM
OEBA
OEAB
VI
GND
GND
VOH
VM = 1.5 V
Fig 11. 3-state output enable time to LOW-level and output disable time from LOW-level
001aae853
VM
VM
tPLZ
tPZL
VM
VOL + 0.3 V
An or Bn
OEBA
OEAB
VI
GND
3.5 V
VOL


Similar Part No. - 74ABT652AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT652AD PHILIPS-74ABT652AD Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74ABT652ADB PHILIPS-74ABT652ADB Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
More results

Similar Description - 74ABT652AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
74LVT652 PHILIPS-74LVT652 Datasheet
110Kb / 14P
   3.3V Octal transceiver/register, non-inverting 3-State
1998 Feb 19
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
74ABT651 PHILIPS-74ABT651 Datasheet
88Kb / 7P
   Octal transceiver/register, inverting 3-State
1995 Sep 06
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74HC648 PHILIPS-74HC648 Datasheet
95Kb / 12P
   Octal bus transceiver/register; 3-state; inverting
December 1990
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com