Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT544PW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74ABT544PW
Description  Octal latched transceiver with dual enable; inverting; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT544PW Datasheet(HTML) 1 Page - NXP Semiconductors

  74ABT544PW Datasheet HTML 1Page - NXP Semiconductors 74ABT544PW Datasheet HTML 2Page - NXP Semiconductors 74ABT544PW Datasheet HTML 3Page - NXP Semiconductors 74ABT544PW Datasheet HTML 4Page - NXP Semiconductors 74ABT544PW Datasheet HTML 5Page - NXP Semiconductors 74ABT544PW Datasheet HTML 6Page - NXP Semiconductors 74ABT544PW Datasheet HTML 7Page - NXP Semiconductors 74ABT544PW Datasheet HTML 8Page - NXP Semiconductors 74ABT544PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74ABT544 high performance BiCMOS device combines low static and dynamic
power dissipation with high speed and high output drive.
The 74ABT544 octal latched transceiver contains two sets of D-type latches for temporary
storage of data flowing in either direction. Separate latch enable (LEAB, LEBA) and output
enable (OEAB, OEBA) inputs are provided for each register to permit independent control
of data transfer in either direction. The outputs are guaranteed to sink 64 mA.
2.
Features
I Combines 74ABT640 and 74ABT373 type functions in one device
I 8-bit octal transceiver with D-type latch
I Back-to-back registers for storage
I Separate controls for data flow in each direction
I Live insertion and extraction permitted
I Output capability: +64 mA to −32 mA
I Power-up 3-state
I Power-up reset
I Latch-up protection exceeds 500 mA per JESD78B class II level A
I ESD protection:
N HBM JESD22-A114F exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
3.
Ordering information
74ABT544
Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04 — 15 January 2009
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74ABT544D
−40 °Cto+85 °C
SO24
plastic small outline package; 24 leads;
body width 7.5 mm
SOT137-1
74ABT544DB
−40 °Cto+85 °C
SSOP24
plastic shrink small outline package; 24 leads;
body width 5.3 mm
SOT340-1
74ABT544PW
−40 °Cto+85 °C
TSSOP24
plastic thin shrink small outline package; 24 leads;
body width 4.4 mm
SOT355-1


Similar Part No. - 74ABT544PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT544PW PHILIPS-74ABT544PW Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544PW PHILIPS-74ABT544PW Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
More results

Similar Description - 74ABT544PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT620 PHILIPS-74ABT620 Datasheet
47Kb / 11P
   Octal transceiver with dual enable, inverting 3-State
1993 Jun 21
74LVT543 PHILIPS-74LVT543 Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74ABT623 PHILIPS-74ABT623 Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com