Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2PD2150 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 2PD2150
Description  20 V, 3 A NPN low VCEsat (BISS) transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PD2150 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 2PD2150 Datasheet HTML 5Page - NXP Semiconductors 2PD2150 Datasheet HTML 6Page - NXP Semiconductors 2PD2150 Datasheet HTML 7Page - NXP Semiconductors 2PD2150 Datasheet HTML 8Page - NXP Semiconductors 2PD2150 Datasheet HTML 9Page - NXP Semiconductors 2PD2150 Datasheet HTML 10Page - NXP Semiconductors 2PD2150 Datasheet HTML 11Page - NXP Semiconductors 2PD2150 Datasheet HTML 12Page - NXP Semiconductors 2PD2150 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
2PD2150_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 2 January 2007
11 of 13
NXP Semiconductors
2PD2150
20 V, 3 A NPN low VCEsat (BISS) transistor
11. Revision history
Table 9.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
2PD2150_2
20070102
Product data sheet
-
2PD2150_1
Modifications:
The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
Legal texts have been adapted to the new company name where appropriate.
• Table 1 “Quick reference data”: IC collector current added
• Table 1 “Quick reference data”: ICM peak collector current maximum value adapted
• Table 1 “Quick reference data”: VCEsat collector-emitter saturation voltage added
• Table 5 “Limiting values”: VCEO collector-emitter voltage maximum value adapted
• Table 5 “Limiting values”: IC collector current maximum value adapted
• Table 5 “Limiting values”: ICM peak collector current maximum value adapted
• Table 5 “Limiting values”: Ptot total power dissipation for ceramic PCB condition added
• Figure 1 “Power derating curves”: adapted
• Table 6 “Thermal characteristics”: adapted
• Table 6 “Thermal characteristics”: Rth(j-a) thermal resistance from junction to ambient for
ceramic PCB condition added
• Figure 2: tp pulse time redefined to pulse duration
• Figure 3: added
• Table 7 “Characteristics”: VCEsat collector-emitter saturation voltage typical value added
• Table 7 “Characteristics”: fT transition frequency conditions slightly changed
• Table 7 “Characteristics”: Cib common-base input capacitance added
• Table 7 “Characteristics”: Cob common-base output capacitance added
• Figure 4, 6, 10, 11, 12, 13 and 16: added
• Figure 5, 7, 8 and 9: adapted
• Section 12 “Legal information”: updated
2PD2150_1
20050422
Product data sheet
-
-


Similar Part No. - 2PD2150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PD2150 PHILIPS-2PD2150 Datasheet
70Kb / 11P
   20 V, 3 A NPN low VCEsat transistor
Rev. 01-22 April 2005
logo
Nexperia B.V. All right...
2PD2150 NEXPERIA-2PD2150 Datasheet
750Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02 - 2 January 2007
logo
NXP Semiconductors
2PD2150_15 PHILIPS-2PD2150_15_15 Datasheet
143Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02-2 January 2007
More results

Similar Description - 2PD2150

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4320X NEXPERIA-PBSS4320X Datasheet
269Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
27 May 2019
logo
NXP Semiconductors
2PD2150_15 PHILIPS-2PD2150_15_15 Datasheet
143Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02-2 January 2007
PBSS4320X PHILIPS-PBSS4320X Datasheet
115Kb / 12P
   20 V, 3 A NPN low VCEsat (BISS) transistor
2004 Nov 03
logo
Nexperia B.V. All right...
2PD2150 NEXPERIA-2PD2150 Datasheet
750Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02 - 2 January 2007
logo
NXP Semiconductors
PBSS4320X NXP-PBSS4320X Datasheet
202Kb / 12P
   20 V, 3 A NPN low VCEsat (BISS) transistor
2004 Nov 03
PBSS4320X PHILIPS-PBSS4320X_15 Datasheet
214Kb / 12P
   NPN low VCEsat (BISS) transistor 20 V, 3 A
2004 Nov 03
PBSS4120T PHILIPS-PBSS4120T Datasheet
47Kb / 7P
   20 V, 1 A NPN low VCEsat (BISS) transistor
2003 Sep 29
PBSS4420D PHILIPS-PBSS4420D_15 Datasheet
131Kb / 14P
   20 V, 4 A NPN low VCEsat (BISS) transistor
Rev. 02-24 September 2008
PBSS302NZ PHILIPS-PBSS302NZ Datasheet
102Kb / 14P
   20 V, 5.8 A NPN low VCEsat (BISS) transistor
Rev. 01-8 September 2006
PBSS4220V PHILIPS-PBSS4220V Datasheet
119Kb / 13P
   20 V, 2 A NPN low VCEsat (BISS) transistor
Rev. 01-6 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com