Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2PD1820A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 2PD1820A
Description  NPN general purpose transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PD1820A Datasheet(HTML) 4 Page - NXP Semiconductors

  2PD1820A Datasheet HTML 1Page - NXP Semiconductors 2PD1820A Datasheet HTML 2Page - NXP Semiconductors 2PD1820A Datasheet HTML 3Page - NXP Semiconductors 2PD1820A Datasheet HTML 4Page - NXP Semiconductors 2PD1820A Datasheet HTML 5Page - NXP Semiconductors 2PD1820A Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1999 Apr 12
4
NXP Semiconductors
Product data sheet
NPN general purpose transistor
2PD1820A
PACKAGE OUTLINE
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.1
1.1
0.8
0.4
0.3
0.25
0.10
2.2
1.8
1.35
1.15
0.65
e
1.3
2.2
2.0
0.23
0.13
0.2
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT323
SC-70
w M
bp
D
e1
e
A
B
A1
Lp
Q
detail X
c
HE
E
v M A
A
B
y
0
1
2 mm
scale
A
X
12
3
Plastic surface mounted package; 3 leads
SOT323
97-02-28


Similar Part No. - 2PD1820A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PD1820A PHILIPS-2PD1820A Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 Apr 12
logo
Guangdong Kexin Industr...
2PD1820A KEXIN-2PD1820A Datasheet
48Kb / 1P
   NPN General Purpose Transistor
logo
Nexperia B.V. All right...
2PD1820A NEXPERIA-2PD1820A Datasheet
287Kb / 7P
   NPN general purpose transistor
1999 Apr 12
logo
NXP Semiconductors
2PD1820AQ PHILIPS-2PD1820AQ Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 Apr 12
logo
Guangdong Kexin Industr...
2PD1820AQ KEXIN-2PD1820AQ Datasheet
48Kb / 1P
   NPN General Purpose Transistor
More results

Similar Description - 2PD1820A

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com