Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2PD601A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 2PD601A
Description  NPN general purpose transistors; 50 V, 100 mA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PD601A Datasheet(HTML) 1 Page - NXP Semiconductors

  2PD601A Datasheet HTML 1Page - NXP Semiconductors 2PD601A Datasheet HTML 2Page - NXP Semiconductors 2PD601A Datasheet HTML 3Page - NXP Semiconductors 2PD601A Datasheet HTML 4Page - NXP Semiconductors 2PD601A Datasheet HTML 5Page - NXP Semiconductors 2PD601A Datasheet HTML 6Page - NXP Semiconductors 2PD601A Datasheet HTML 7Page - NXP Semiconductors 2PD601A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product data sheet
Supersedes data of 2002 Jun 26
2004 Feb 12
DISCRETE SEMICONDUCTORS
2PD601A series
NPN general purpose transistors;
50 V, 100 mA


Similar Part No. - 2PD601A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PD601A PHILIPS-2PD601A Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 Apr 23
logo
Guangdong Kexin Industr...
2PD601A KEXIN-2PD601A Datasheet
40Kb / 2P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PD601AQ PHILIPS-2PD601AQ Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 Apr 23
logo
Guangdong Kexin Industr...
2PD601AQ KEXIN-2PD601AQ Datasheet
40Kb / 2P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PD601AQ PHILIPS-2PD601AQ Datasheet
48Kb / 8P
   NPN general purpose transistor
2002 Jun 26
More results

Similar Description - 2PD601A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PD601ASL NXP-2PD601ASL Datasheet
56Kb / 9P
   50 V, 100 mA NPN general-purpose transistors
Rev. 01-6 November 2008
logo
Nexperia B.V. All right...
2PC4617XMB_SER NEXPERIA-2PC4617XMB_SER Datasheet
1Mb / 10P
   50 V, 100 mA NPN general-purpose transistors
Rev. 1 - 26 March 2012
2PC4617XMB NEXPERIA-2PC4617XMB Datasheet
1Mb / 10P
   50 V, 100 mA NPN general-purpose transistors
2PD601AXL NEXPERIA-2PD601AXL Datasheet
614Kb / 9P
   50 V, 100 mA NPN general-purpose transistors
Rev. 01 - 6 November 2008
NXP3875Y NEXPERIA-NXP3875Y Datasheet
1Mb / 15P
   50 V, 150 mA NPN general-purpose transistors
2PD601BRL NEXPERIA-2PD601BRL Datasheet
993Kb / 13P
   50 V, 200 mA NPN general-purpose transistors
Rev. 1 - 28 June 2010
2PD602ASL-Q NEXPERIA-2PD602ASL-Q Datasheet
182Kb / 8P
   50 V, 500 mA NPN general-purpose transistors
12 January 2022
logo
NXP Semiconductors
2PD601BSL NXP-2PD601BSL Datasheet
317Kb / 13P
   50 V, 200 mA NPN general-purpose transistors
Rev. 1-28 June 2010
2PD602ASL NXP-2PD602ASL Datasheet
57Kb / 9P
   50 V, 500 mA NPN general-purpose transistors
Rev. 01-27 October 2008
logo
Nexperia B.V. All right...
2PD602AXL NEXPERIA-2PD602AXL Datasheet
614Kb / 9P
   50 V, 500 mA NPN general-purpose transistors
Rev. 01 - 27 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com