Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2PB1219A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 2PB1219A
Description  PNP general purpose transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PB1219A Datasheet(HTML) 4 Page - NXP Semiconductors

  2PB1219A Datasheet HTML 1Page - NXP Semiconductors 2PB1219A Datasheet HTML 2Page - NXP Semiconductors 2PB1219A Datasheet HTML 3Page - NXP Semiconductors 2PB1219A Datasheet HTML 4Page - NXP Semiconductors 2PB1219A Datasheet HTML 5Page - NXP Semiconductors 2PB1219A Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1999 Apr 12
4
NXP Semiconductors
Product data sheet
PNP general purpose transistor
2PB1219A
PACKAGE OUTLINE
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.1
1.1
0.8
0.4
0.3
0.25
0.10
2.2
1.8
1.35
1.15
0.65
e
1.3
2.2
2.0
0.23
0.13
0.2
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT323
SC-70
w M
bp
D
e1
e
A
B
A1
Lp
Q
detail X
c
HE
E
v M A
A
B
y
0
1
2 mm
scale
A
X
12
3
Plastic surface mounted package; 3 leads
SOT323
97-02-28


Similar Part No. - 2PB1219A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PB1219A PHILIPS-2PB1219A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 12
logo
Guangdong Kexin Industr...
2PB1219A KEXIN-2PB1219A Datasheet
48Kb / 2P
   PNP General Purpose Transistor
logo
Nexperia B.V. All right...
2PB1219A NEXPERIA-2PB1219A Datasheet
391Kb / 7P
   PNP general purpose transistor
1999 Apr 12
logo
NXP Semiconductors
2PB1219AQ PHILIPS-2PB1219AQ Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 12
logo
Guangdong Kexin Industr...
2PB1219AQ KEXIN-2PB1219AQ Datasheet
48Kb / 2P
   PNP General Purpose Transistor
More results

Similar Description - 2PB1219A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com