Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSF1575D42A-S9 Datasheet(PDF) 11 Page - Token Electronics Industry Co., Ltd.

Part # TSF1575D42A-S9
Description  Front End Filters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TSF1575D42A-S9 Datasheet(HTML) 11 Page - Token Electronics Industry Co., Ltd.

Back Button TSF1575D42A-S9 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TSF1575D42A-S9 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TSF1575D42A-S9 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TSF1575D42A-S9 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TSF1575D42A-S9 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TSF1575D42A-S9 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. TSF1575D42A-S9 Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. TSF1575D42A-S9 Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. TSF1575D42A-S9 Datasheet HTML 14Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11 of 14
Version 2010
SAW for Communication Equipment
Part Number
Lower Freq.
(MHz)
Upper Freq.
(MHz)
IL(dB)
System
Package
SMD Type DIP Type
TSF35D42-S2
35.42
1.9 (1dB) 17.5
GPS
SMP-53
TSF96D00B-S3
96
5 (1dB)
13.5
3G BaseStation
SMP-53-S
TSF96D00C-S1
96
+10
8.5
3G BaseStation
SMP-03
TSF110D00A-S4
110
2.12 (3dB) 3.5
GPS
QCC8C
TSF110D00B-S1
110
4.0 (3dB) 9.0
Wireless LAN / Bluetooth
SMP-03
TSF110D00C-S1
110
0.66 (1dB) 12
SCDMA
SMP-03
TSF110D592A-S4
110.592
+0.576
3.5
DECT
QCC8C
TSF110D592B-S1
110.592
+0.576
3.5
DECT
SMP-03
TSF130D38A-S6
130.38
+0.63 min. 5.5 max. AMPS / ADC
QCC8B
TSF130D38B-S7
130.38
+0.63 min. 5.5 max. AMPS / ADC
DCC6
TSF199D00-S3
199
+0.1
7.0 max. GSM BaseStation
SMP-53-S
TSF204D00-S1
204
0.7 (1dB) 10
SCDMA
SMP-03
TSF240D00-S4
240
+3.85
11
Broadband
QCC8C
TSF243D95A-S7
243.95
+0.11
2.0
PHS
DCC6
TSF243D95B-S7
243.95
+0.11
2.2
PHS
DCC6
TSF243D95C-S9
243.95
+0.11
2.0
PHS
DCC6C
TSFD243D95D-S8
243.95
+0.11
2.0
PHS
QCC8D
TSF243D95E-S8
243.95
+0.11
2.2
PHS
QCC8D
TSF265D55-S8
265.55
+0.11
2.3
PHS
QCC8D
TSF426D00-S2
426
6.5 (3dB) 22
Broadband Access /VOFDM SMP-53
Typical Specification
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TSF1575D42A-S9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSF15 ETC1-TSF15 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
TAITRON Components Inco...
TSF15 TAITRON-TSF15 Datasheet
130Kb / 4P
   1.0A Super Fast Recovery Rectifier
logo
Taiwan Semiconductor Co...
TSF15L60CW TSC-TSF15L60CW Datasheet
346Kb / 4P
   15A, 60V Trench Schottky Rectifier
More results

Similar Description - TSF1575D42A-S9

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
2133C MTRONPTI-2133C Datasheet
52Kb / 1P
   Front End Crystal Filters
2133 MTRONPTI-2133 Datasheet
332Kb / 1P
   Front-End Filters: 10.0MHz to 220 MHz
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
   Video Front End
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
logo
Texas Instruments
PCM1865-Q1 TI1-PCM1865-Q1 Datasheet
5Mb / 108P
[Old version datasheet]   Universal Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
logo
Samsung semiconductor
S1A0497X01 SAMSUNG-S1A0497X01 Datasheet
174Kb / 10P
   FM FRONT END
logo
Unisonic Technologies
A6058 UTC-A6058 Datasheet
197Kb / 6P
   FM FRONT-END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com