Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSF1575D42A-S9 Datasheet(PDF) 8 Page - Token Electronics Industry Co., Ltd.

Part # TSF1575D42A-S9
Description  Front End Filters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TSF1575D42A-S9 Datasheet(HTML) 8 Page - Token Electronics Industry Co., Ltd.

Back Button TSF1575D42A-S9 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TSF1575D42A-S9 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TSF1575D42A-S9 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TSF1575D42A-S9 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TSF1575D42A-S9 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TSF1575D42A-S9 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TSF1575D42A-S9 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TSF1575D42A-S9 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. TSF1575D42A-S9 Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
08 of 14
Version 2010
Saw RF Filters for Cordless Phone
Part Number
Center Freq.
(MHz)
BW
(MHz)
IL
(dB)
Package
SMD Type
DIP Type
TSF903D65-S7
903.65
+2
3.8
DCC6
TSF915D00A-S7
915
26
3.5
DCC6
TSF915D00B-S9
915
26
3.5
DCC6C
TSF915D00C-S9
915
26
3.5
DCC6C
TSF915D00D-S7
915
26
3.5
DCC6
TSF915D00E-S9
915
7
3.2
DCC6C
TSF915D00F-S7
915
7
3.0
DCC6
TSF926D25-S7
926.25
+2
3.5
DCC6
Note: 1. 1dB Bandwidth : 6.75 MHz (CH1~CH5) ; 6.50 MHz
2. Insertion Loss : 23.0 dB typical ; 6.50 dB typical (NDF25C)
3. Passband Ripple :+ 0.6 dB ;+ 1.0 dB (NDF25C) Passband Ripple :+ 0.6 dB ;+ 1.0 dB (NDF25C)
Typical Specification
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TSF1575D42A-S9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSF15 ETC1-TSF15 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
TAITRON Components Inco...
TSF15 TAITRON-TSF15 Datasheet
130Kb / 4P
   1.0A Super Fast Recovery Rectifier
logo
Taiwan Semiconductor Co...
TSF15L60CW TSC-TSF15L60CW Datasheet
346Kb / 4P
   15A, 60V Trench Schottky Rectifier
More results

Similar Description - TSF1575D42A-S9

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
2133C MTRONPTI-2133C Datasheet
52Kb / 1P
   Front End Crystal Filters
2133 MTRONPTI-2133 Datasheet
332Kb / 1P
   Front-End Filters: 10.0MHz to 220 MHz
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
   Video Front End
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
logo
Texas Instruments
PCM1865-Q1 TI1-PCM1865-Q1 Datasheet
5Mb / 108P
[Old version datasheet]   Universal Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
logo
Samsung semiconductor
S1A0497X01 SAMSUNG-S1A0497X01 Datasheet
174Kb / 10P
   FM FRONT END
logo
Unisonic Technologies
A6058 UTC-A6058 Datasheet
197Kb / 6P
   FM FRONT-END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com