Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DQA1500W12RJG Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # DQA1500W12RJG
Description  DQN Non-Inductive Power Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DQA1500W12RJG Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

  DQA1500W12RJG Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DQA1500W12RJG Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DQA1500W12RJG Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DQA1500W12RJG Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DQA1500W12RJG Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. DQA1500W12RJG Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. DQA1500W12RJG Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. DQA1500W12RJG Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. DQA1500W12RJG Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
06 of 09
(DQAN) 75W ~ 2000W Dimensions
E
A
G
L
H D
C
B
F
J
M
K
I
O
Non-Inductive Ribbon Wirewound
(DQAN) N - No mount Dimensions
Non-Inductive Ribbon Wirewound
(DQAN) G - Horizontal mount Dimensions
Wattage
Rating
Dimensions (Unit: mm)
Resistance
Range
A
B
C
D
E
F
G H
I
J
K
L
M
O
75W
110 25
16
30
8
150 5 18 6
166
58 1.2
6
27
0.1~8Ω
90W
90
28
18
32
8
130 5 19 6
146
60 1.2
6
27
0.1~9Ω
120W
110 28
18
32
8
150 5 19 6
166
60 1.2
6
27
0.1~12Ω
150W
140 28
18
32
8
180 5 19 6
196
60 1.2
6
27
0.1~15Ω
180W
160 28
18
32
8
200 5 19 6
216
60 1.2
6
27
0.1~18Ω
225W
195 28
18
32
8
235 5 19 6
251
60 1.2
6
27
0.1~23Ω
240W
185 35
24
36 10 225 5 19 8
245
76 1.6
6
34
0.1~24Ω
300W
210 35
24
36 10 250 5 19 8
274
76 1.6
6
34
0.3~30Ω
375W
210 40
25
38 12 250 5 20 8
274
78 1.6
6
34
0.3~38Ω
450W
260 40
25
38 12 300 5 20 8
320
78 1.6
6
34
0.3~45Ω
600W
330 40
25
38 12 370 5 20 8
395
78 1.6
6
34
0.3~60Ω
750W
330 50
35
50 12 380 6 25 9
400 100 1.6
8
40
0.3~75Ω
900W
400 50
35
50 12 450 6 25 9
470 100 1.6
8
40
0.3~90Ω
1000W 460 50
35
50 12 510 6 25 9
530 100 1.6
8
40
0.5~100Ω
1200W 460 60
40
55 15 515 6 30 10 535 110 1.6 10
50
0.5~120Ω
1500W 540 60
40
55 15 595 6 30 10 615 110 1.6 10
50
0.5~150Ω
2000W 650 65
42
62 15 702 6 30 10 722 115 1.6 10
50
0.5~200Ω
Version 2010
DQN Non-Inductive Power Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Description - DQA1500W12RJG

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
KNPN-1001W0R1FTB TOKEN-KNPN-1001W0R1FTB Datasheet
419Kb / 3P
   KNPN Non-inductive Resistors
logo
List of Unclassifed Man...
TPL250 ETC-TPL250 Datasheet
2Mb / 1P
   Chassis mounting non-inductive high power resistors
TPL1200 ETC-TPL1200 Datasheet
2Mb / 1P
   Chassis mounting non-inductive high power resistors
logo
ABCO ELECTRONICS CO.LTD
WNP1W ABCO-WNP1W Datasheet
569Kb / 1P
   NON-INDUCTIVE WIRE WOUND RESISTORS
logo
Vishay Siliconix
MRA VISHAY-MRA Datasheet
82Kb / 3P
   Wirewound Resistors, Non-Magnetic,Non-Inductive, Axial Lead
Revision: 02-May-12
logo
Token Electronics Indus...
RFM TOKEN-RFM Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
logo
Willow Technologies Ltd
RF07 WILLOW-RF07 Datasheet
868Kb / 2P
   Series, High Frequency Power Resistors Thick film,Non-Inductive
logo
List of Unclassifed Man...
TPM150 ETC2-TPM150 Datasheet
1Mb / 2P
   Chassis Mounting Non-inductive Flat Type High Power resistors
TPL320 ETC-TPL320 Datasheet
612Kb / 1P
   Chassis Mounting Non-inductive Flat Type High Power resistors
logo
Willow Technologies Ltd
3R-100 WILLOW-3R-100 Datasheet
812Kb / 2P
   100Watt Mountable Non-Inductive,High Frequency Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com