Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRBN600W1KKN Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # DRBN600W1KKN
Description  DR Round-Wirewound Power Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DRBN600W1KKN Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  DRBN600W1KKN Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DRBN600W1KKN Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DRBN600W1KKN Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DRBN600W1KKN Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DRBN600W1KKN Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. DRBN600W1KKN Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. DRBN600W1KKN Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. DRBN600W1KKN Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. DRBN600W1KKN Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
05 of 09
Preview
DR-*N round-wire resistor applies Ayrton Perry non-inductive winding method to compensate residual
inductance and to allow for efficient heat dissipation at higher temperature ranges.
Non-Inductance :
Ayrton Perry type non-inductive winding is applied. When required add “N” to the part number.
Resistance Tolerance :
K(±10%), J(±5%)
The power DR-*N Series is lead-free and RoHS compliant. Please contact us for details with your specific needs
DRN Non-Inductive Power Resistors
Non-Inductive
Round Wirewound
Power Resistors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - DRBN600W1KKN

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
DRB-09P11 YAMAICHI-DRB-09P11 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
DRB-09P12 YAMAICHI-DRB-09P12 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
DRB-09S11 YAMAICHI-DRB-09S11 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
DRB-09S12 YAMAICHI-DRB-09S12 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
DRB-15P11 YAMAICHI-DRB-15P11 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
More results

Similar Description - DRBN600W1KKN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RP2W101JB ETC1-RP2W101JB Datasheet
60Kb / 3P
   POWER WIREWOUND RESISTORS
logo
Vishay Siliconix
VNC VISHAY-VNC Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5 Datasheet
289Kb / 2P
   Tubular Power Wirewound Resistors
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
   Mount Wirewound Resistors Mount Wirewound Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5_13 Datasheet
161Kb / 2P
   Tubular Power Wirewound Resistors
logo
Willow Technologies Ltd
TSC-5 WILLOW-TSC-5 Datasheet
361Kb / 2P
   Tubular Power Wirewound Resistors
KNP WILLOW-KNP Datasheet
157Kb / 2P
   WIREWOUND RESISTORS
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
   Wirewound Resistors
logo
Vishay Siliconix
RWR81S1R00FS VISHAY-RWR81S1R00FS Datasheet
164Kb / 4P
   Wirewound Resistors
Revision: 30-Mar-12
logo
Riedon Powertron
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com