Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPRA5C3P Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # UPRA5C3P
Description  UPR Extra Precision Network Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UPRA5C3P Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  UPRA5C3P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UPRA5C3P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UPRA5C3P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
Dimensions & Technical Characteristics
UPSC Versus UPR Series
A
C
B
Nominal Resistance Range (Ω)
Nominal Resistance
Tolerance(%)
Temperature Coefficient (ppm/°C)
[TCR: +25°C ~ +85°C]
UPR
UPSC
10~5M
40~5M
A2 ± 0.02
A5 ±0.05
B ± 0.1
C9 ± 3ppm/°C
C7 ± 5ppm/°C
C6 ± 10ppm/°C
C5 ± 15ppm/°C
C3 ± 25ppm/°C
1K~1M
1K~1M
T ± 0.01
A2 ± 0.02
A5 ± 0.05
B ± 0.1
C10 ± 2ppm/°C
C9 ± 3ppm/°C
C7 ± 5ppm/°C
C6 ± 10ppm/°C
C5 ± 15ppm/°C
C3 ± 25ppm/°C
E
D
7.65 ± 0.3
2.6 ± 0.3
3.81 ± 0.5
0.6 ± 0.05
Extra Precision Network Resistors
(UPSC) Dimensions (Unit: mm)
10.5 ± 0.3
4.0 ± 0.3
7.62 ± 0.5
0.6 ± 0.05
Extra Precision Network Resistor
(UPR) Dimensions (Unit: mm)
Dimensions (mm)
A
10.5 ± 0.3
B
9.1 ± 0.3
C
4.0 ± 0.3
D
0.6 ± 0.05
E
7.62 ± 0.5
Working Temperature (°C)
-10 ~ +70
Rated Wattage at 70°C (W)
0.25
Maximum Working Voltage (V)
250
Nominal Resistance Range (Ω)
10 ~ 5M
1K ~ 1M
Nominal Resistance Tolerance (%)
A2(±0.02), A5(±0.05), B(±0.1)
T(±0.01), A2(±0.02), A5(±0.05),B(±0.1)
Temperature Coefficient (ppm/°C)
[TCR: +25°C ~ +85°C]
C9(±3), C7(±5),
C6(±10),C5(±15), C3(±25)
C10(±2), C9(±3), C7(±5),
C6(±10), C5(±15), C3(±25)
Remark: 1. Customer can specify Tolerance and Temperature Coefficient range to meet your own needs.
2. It can be required to Token’s representatives if customer’s requirement beyonds the range of Token’s specifications.
Version 2010
UPR Extra Precision Network Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - UPRA5C3P

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
UPR TOKEN-UPR Datasheet
441Kb / 6P
   Ultra Precision Resistor Networks
logo
Pepperl+Fuchs Inc.
UPR-03 PF-UPR-03 Datasheet
4Mb / 10P
   Universal Power Rail
2021-04-08
UPR-03-M PF-UPR-03-M Datasheet
4Mb / 10P
   Universal Power Rail
2021-04-08
UPR-03-S PF-UPR-03-S Datasheet
4Mb / 10P
   Universal Power Rail
2021-04-08
UPR-COVER PF-UPR-COVER Datasheet
366Kb / 2P
   Cover for DIN Mounting Rail
2021-04-08
More results

Similar Description - UPRA5C3P

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
UPR10RA2C3P TOKEN-UPR10RA2C3P Datasheet
367Kb / 3P
   UPR Extra Precision Network Resistors
UPSC53RA2C3P TOKEN-UPSC53RA2C3P Datasheet
365Kb / 3P
   UPSC Extra Precision Network Resistors
UPRNS610RA2C7 TOKEN-UPRNS610RA2C7 Datasheet
324Kb / 4P
   UPRNS Network Precision Resistors
UPRND210RA2C7 TOKEN-UPRND210RA2C7 Datasheet
343Kb / 4P
   UPRND Network Precision Resistors
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
   Precision Resistors Precision Resistors
logo
List of Unclassifed Man...
RN1632A ETC2-RN1632A Datasheet
47Kb / 1P
   RN series, RA series, ultra-precision chip network resistors
logo
HOKURIKU ELECTRIC INDUS...
NCR104 HOKURIKU-NCR104 Datasheet
94Kb / 3P
   Network Chip Resistors
logo
List of Unclassifed Man...
RQL50 ETC-RQL50 Datasheet
715Kb / 1P
   RQL50 NETWORK RESISTORS
logo
HOKURIKU ELECTRIC INDUS...
E011405 HOKURIKU-E011405 Datasheet
94Kb / 3P
   Network Chip Resistors
logo
RFE international
RA12-08X-10K-J RFE-RA12-08X-10K-J Datasheet
98Kb / 1P
   NETWORK RESISTORS RA Series: SIP Network
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com