Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UAR1821KA2C5P Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # UAR1821KA2C5P
Description  UAR Low Noise High Precision Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UAR1821KA2C5P Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  UAR1821KA2C5P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UAR1821KA2C5P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UAR1821KA2C5P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01 of 03
Version 2010
Preview
The UAR range of high precision resistors represents a significant technical advancement in resistive technology,
combining low temperature coefficients with high environmental stabilities, and high frequency performance.
Laser beam trimming gives tolerance accuracies from 0.02 % to 1 %.
The UAR range effectively bridges the gap that has hitherto existed between the high precision, high stability
networks or wirewound technology and conventional film technology.
Full lines equate Vishay, IRC, Ohmite, Caddock, Panasonic precision resistors with fast delivery and more
competitive price.
The metal film series is RoHS compliant with Pb-free terminations. Detailed specifications, both mechanical and
electrical, please contact our sales representative for more information.
Mil-Std-202 Standard :
This standard establishes uniform methods for testing electronic and electrical component parts,
including basic environmental tests to determine resistance to deleterious effects of natural elements
and conditions surrounding military operations, and physical and electrical tests.
UAR Low Noise High Precision Resistors
Metal Thin Film Resistors Define Precision
Low Noise
High Precision
Resistors
Features :
- Very tight tolerances: down to A2(±0.02%).
- Exceptionally low noise; typically 0.05 μV/V.
- 0.125 W to 0.33 W at 85 °C, Electrical Insulation > 1000 MΩ.
- Very Low temperature coefficient: ±3, ±5, ±10 and ±15 ppm/°C.
- Excellent high frequency performance, industrial grades, RoHS Compliant.
Applications :
- All General Purpose Applications,
- Medical Electronics, Current Pulse Limiters,
- Precision Instruments, Telecom, Test and
Measurement.
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - UAR1821KA2C5P

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
UAR1/4210RA2C5P TOKEN-UAR1/4210RA2C5P Datasheet
393Kb / 5P
   High Precision, High Frequency Resistors
UAR1/4210RA2C6P TOKEN-UAR1/4210RA2C6P Datasheet
393Kb / 5P
   High Precision, High Frequency Resistors
UAR1/4210RA2C7P TOKEN-UAR1/4210RA2C7P Datasheet
393Kb / 5P
   High Precision, High Frequency Resistors
UAR1/4210RA2C9P TOKEN-UAR1/4210RA2C9P Datasheet
393Kb / 5P
   High Precision, High Frequency Resistors
UAR1/4210RA5C5P TOKEN-UAR1/4210RA5C5P Datasheet
393Kb / 5P
   High Precision, High Frequency Resistors
More results

Similar Description - UAR1821KA2C5P

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6070 MAXIM-MAX6070_20 Datasheet
6Mb / 26P
   Low-Noise, High-Precision Series Noise, High-Precision Series
19-6355; Rev 18; 12/20
logo
Texas Instruments
OPA827 TI1-OPA827_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input Low-Noise, High-Precision, JFET-Input
logo
List of Unclassifed Man...
TG931 ETC2-TG931 Datasheet
147Kb / 1P
   Low TC Precision High Voltage Resistors
logo
Token Electronics Indus...
RE500.5W10RBC6P TOKEN-RE500.5W10RBC6P Datasheet
325Kb / 3P
   RE High Precision Low TCR Resistors
logo
Vishay Siliconix
CNS020 VISHAY-CNS020 Datasheet
52Kb / 1P
   high precision resistors
Data sheet E 2/4.936
CNS020 VISHAY-CNS020 Datasheet
68Kb / 3P
   high precision resistors
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
   Precision Resistors Precision Resistors
logo
National Semiconductor ...
LM4140 NSC-LM4140 Datasheet
439Kb / 15P
   High Precision Low Noise Low Dropout Voltage
LM4140 NSC-LM4140_05 Datasheet
878Kb / 15P
   High Precision Low Noise Low Dropout Voltage
logo
Burr-Brown (TI)
OPA227 BURR-BROWN-OPA227 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com