Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMG35DTD10K Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # RMG35DTD10K
Description  RMG35 Power TO-Style Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RMG35DTD10K Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  RMG35DTD10K Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RMG35DTD10K Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RMG35DTD10K Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01 of 03
RMG35 Power TO-Style Resistors
Preview
Giving power electronics design engineers a comprehensive range of high-wattage surface mount and through-
hole resistors designed to provide superior thermal performance in densely populated power supply circuits,
Token Electronics has released a series of noninductive power resistors with power ratings 35W, in popular
transistor-style packages (TO-220).
The RMG35 resistors are designed to provide complete thermal flow from the resistive element to the integral
metal flange of the TO-style packages, giving design engineers the ability to specify them for high-wattage power
electronics circuits that can experience elevated temperatures during operation.
The devices are all rated for operation from -65°C to +150°C.
Their superior thermal performance and extreme power ratings make the RMG35 Series resistors ideal for
switch-mode power supply circuits, motor control and drive circuits, automotive electronics, industrial power
equipment and UPS systems. In addition, their non-inductance exhibit excellent high frequency characteristics
for use in high frequency industrial RF power sources, RF linear amplifiers, termination resistor of RF circuit etc.
The RMG35 Series resistors feature thermally enhanced two-leaded industry standard packages designed for
mounting directly to a heatsink. Token Electronics will also produce devices outside these specifications to meet
customer requirements, with comprehensive application engineering and design support available for customers
worldwide.
All RMG35 Series devices are RoHS-compliant, and compatible with high temperature soldering processes
normally employed for lead free solders.
Contact us with your specific needs.
TO-220 Power TO-Style Resistors - RMG35 Series
Boast Superior Thermal Performance
Power
TO-Style Resistors
Applications
- RF Power Amplifier.
- Switching Power Supplies.
- Low Energy Pulse Loading.
- Automated Machine Controller.
- UPS, Snubbers Circuits, Voltage Regulation.
Features
- Single Screw Mounting to Heat Sink.
- Molded Case for Protection and Easy to Mount.
- 35 Watt at 25°C Case Temperature Heat Sink Mounted.
- TO-220 Style Power Package, Isolated Case, Non Inductive.
- Low Thermal Resistance to Heat Sink at Rth < 4.28°C/W.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - RMG35DTD10K

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RMG30DP0R1 TOKEN-RMG30DP0R1 Datasheet
375Kb / 3P
   RMG30 TO-Style Power-Film Resistors
RMG30DP10K TOKEN-RMG30DP10K Datasheet
375Kb / 3P
   RMG30 TO-Style Power-Film Resistors
RMG30DP10R TOKEN-RMG30DP10R Datasheet
375Kb / 3P
   RMG30 TO-Style Power-Film Resistors
RMG30DP1K TOKEN-RMG30DP1K Datasheet
375Kb / 3P
   RMG30 TO-Style Power-Film Resistors
RMG30DPD0R1 TOKEN-RMG30DPD0R1 Datasheet
375Kb / 3P
   RMG30 TO-Style Power-Film Resistors
More results

Similar Description - RMG35DTD10K

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RMG50DTD0R1 TOKEN-RMG50DTD0R1 Datasheet
383Kb / 3P
   RMG50 To-Style Power Resistors
RMG30DTD0R1 TOKEN-RMG30DTD0R1 Datasheet
375Kb / 3P
   RMG30 TO-Style Power-Film Resistors
logo
Caddock Electronics, In...
MP915 CADDOCK-MP915 Datasheet
249Kb / 2P
   Power Film Resistors TO-126, TO-220 and TO-247 Style
MP915 CADDOCK-MP915_17 Datasheet
532Kb / 2P
   Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
UNIOHM CORPORATION
CR-25S UNIOHM-CR-25S Datasheet
1,022Kb / 1P
   Miniature Style Resistors
logo
Caddock Electronics, In...
MP900 CADDOCK-MP900 Datasheet
532Kb / 2P
   MP900 and MP9000 Series Kool-Pak짰 Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
Ohmite Mfg. Co.
AP101 OHMITE-AP101 Datasheet
333Kb / 2P
   TO-247 style power package
logo
List of Unclassifed Man...
CFR ETC1-CFR Datasheet
52Kb / 2P
   Carbon Film Resistors Normal & Miniature Style
MFR ETC1-MFR Datasheet
36Kb / 2P
   Metal Film Resistors Normal & Miniature Style
logo
Riedon Powertron
PF2470 RIEDON-PF2470_16 Datasheet
239Kb / 3P
   TO-247 Power Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com