Electronic Components Datasheet Search |
|
RMG35JTF1K Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd. |
|
RMG35JTF1K Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd. |
3 / 3 page 03 of 03 RMG35 Power TO-Style Resistors Environmental Characteristics How to Order 35 J P RMG D 10R Part Number Power Rating Resistance Code Resistance 0R1 0.1Ω 10R 10Ω 1K 1KΩ 10K 10KΩ Resistance Tolerance (%) Code Resistance Tolerance D ±0.5% F ±1% G ±2% J ±5% K ±10% Package Code Package T Tube P Bulk TCR (PPM/°C) Code TCR D ±50PPM/°C E ±100PPM/°C F ±200PPM/°C - No specified Back to 1st Page - TO-220 Power Resistors (RMG35) Test Item Specification Test Method Temperature Coefficient of Resistance 10Ω and above, ±50ppm/°C 1Ω and 10Ω, (±100ppm)/°C Referenced to 25°C, ΔR taken at +105°C Short Time Overload Δ R±0.3% 2 times rated power with applied voltage not to exceed 1.5 times maximum continuous operating voltage for 5 seconds. Load Life Δ R±1.0% MIL-R-39009,2,000 hours at rated power. Humidity (Steady State) Δ R±0.5% MIL-STD-202F, Method 103B 40°C, 90~95%RH, RCWV 1.5hours ON, 0.5hours OFF. total 1000~1048 hours. Thermal Shock Δ R±0.3% MIL-STD-202, Method 107G. -65°C~150°C,100 cycle Terminal Strength Δ R±0.2% MIL-STD-202, Method 211, Cond.A(Pull Test) 2.4N. Vibration, High Frequency Δ R±0.2% MIL-STD-202, Method 204, Cond.D. Note:1.Lead Material: Tinned Copper. Maximum Torque: 0.9 Nm. 2.Without Heat Sink, When in Free Air at 25°C, the RMG35 is Rated for 2.50W. 3.The Case Temperature is to be used for the Definition of the Applied Power Limit. 4.The Case Temperature Measurement Must be Made with a Thermocouple Contacting the Center of the Component Mounted on the Designed Heat Sink. 5.Thermal Grease Should be Applied Properly. Version 2010 http://www.token.com.tw/ rfq token.com.tw TOKEN |
Similar Part No. - RMG35JTF1K |
|
Similar Description - RMG35JTF1K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |