Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRB600W10KKZ Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # DRB600W10KKZ
Description  DR Round-Wirewound Power Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DRB600W10KKZ Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  DRB600W10KKZ Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DRB600W10KKZ Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DRB600W10KKZ Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DRB600W10KKZ Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DRB600W10KKZ Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. DRB600W10KKZ Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. DRB600W10KKZ Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. DRB600W10KKZ Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. DRB600W10KKZ Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
01 of 09
Preview
Features:
● Fixed, adjustable, or tapped styles are available.
● Special terminals are available for unusual applications.
● Special temperature coefficients, tolerances,
and resistance value can be specified.
● Ayrton Perry type non-inductive winding formats
are available. See DRS Series when requied.
● Standard resistance tolerance is ±5% and ±10%.
Closer tolerances are available upon request.
● Standard lug terminals available with or without
terminal hardware.
● Single and double quick connect terminals
can be specified.
● The wire is spot welded to the terminal bands and then “fastened” onto the core with a silicone, cement,
or vitreous enamel coating.
Round Wire-wound Power Resistor Construction:
● A tubular ceramic has two terminals and is wound with copper roundwire or chromium alloy roundwire
to provide the resistance.
● Coated with non-flammable resin in high temperature. Insulation is applied through a high-temperature
process and the mounts are attached.
● Due to Token excellent winding technolgy applied , many taps can be added, impedance is low and the
shape can be altered to produce many types.
Applications:
● Ideal for educational modeling applications, load testing, industrial machinery, electric power
distribution, instruments, automation control installations, etc.
● Typical applications for roundwire DR series in motor/motion control include areas such as dynamic
braking, motor starting, speed/torque control, industrial machinery, electric power distribution, and plugging.
● Other applications include load dumping, current limiting, elevators, UPS systems, lift trucks, and
voltage dropping.
The DR Series is RoHS compliant and lead free. Order individual replacement units, entire grids with various
mounting configurations, or custom specifications, please contact us to discuss the details.
DR Round-Wirewound Power Resistors
The Best Cost-Effective Power Resistor
for High Energy Applications (DR)
Round-Wirewound
Power Resistors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - DRB600W10KKZ

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
DRB-09P11 YAMAICHI-DRB-09P11 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
DRB-09P12 YAMAICHI-DRB-09P12 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
DRB-09S11 YAMAICHI-DRB-09S11 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
DRB-09S12 YAMAICHI-DRB-09S12 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
DRB-15P11 YAMAICHI-DRB-15P11 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
More results

Similar Description - DRB600W10KKZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RP2W101JB ETC1-RP2W101JB Datasheet
60Kb / 3P
   POWER WIREWOUND RESISTORS
logo
Vishay Siliconix
VNC VISHAY-VNC Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5 Datasheet
289Kb / 2P
   Tubular Power Wirewound Resistors
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
   Mount Wirewound Resistors Mount Wirewound Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5_13 Datasheet
161Kb / 2P
   Tubular Power Wirewound Resistors
logo
Willow Technologies Ltd
TSC-5 WILLOW-TSC-5 Datasheet
361Kb / 2P
   Tubular Power Wirewound Resistors
KNP WILLOW-KNP Datasheet
157Kb / 2P
   WIREWOUND RESISTORS
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
   Wirewound Resistors
logo
Vishay Siliconix
RWR81S1R00FS VISHAY-RWR81S1R00FS Datasheet
164Kb / 4P
   Wirewound Resistors
Revision: 30-Mar-12
logo
Riedon Powertron
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com