Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MX7705 Datasheet(PDF) 26 Page - Maxim Integrated Products

Part No. MX7705
Description  16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7705 Datasheet(HTML) 26 Page - Maxim Integrated Products

Back Button MX7705_10 Datasheet HTML 22Page - Maxim Integrated Products MX7705_10 Datasheet HTML 23Page - Maxim Integrated Products MX7705_10 Datasheet HTML 24Page - Maxim Integrated Products MX7705_10 Datasheet HTML 25Page - Maxim Integrated Products MX7705_10 Datasheet HTML 26Page - Maxim Integrated Products MX7705_10 Datasheet HTML 27Page - Maxim Integrated Products MX7705_10 Datasheet HTML 28Page - Maxim Integrated Products MX7705_10 Datasheet HTML 29Page - Maxim Integrated Products MX7705_10 Datasheet HTML 30Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Reset
Drive RESET low to reset the MX7705 to power-on reset
status. DRDY goes high and all communication to the
MX7705 is ignored while RESET is low. Upon releasing
RESET, the device must be reconfigured to begin a con-
version. The device returns to waiting for a write to the
communication register after a reset has been performed.
Perform a calibration sequence following a reset for
accurate conversions.
The MX7705 clock generator continues to run when
RESET is pulled low. This allows any device running from
CLKOUT to be uninterrupted when the device is in reset.
Selecting Custom Output Data Rates and
First-Notch Frequency
The recommended frequency range of the external clock
is 400kHz to 5MHz. The output data rate and first notch
frequency are dependent on the decimation rate of the
digital filter. Table 14 shows the available decimation
rates of the digital filter. The output data rate and filter first
notch is calculated using the following formula:
(if CLKDIV = 1)
(if CLKDIV = 0)
Note: First-notch filter frequency = output data rate.
Performing a Conversion
At power-on reset, the MX7705 expects a write to the
communications register. Writing to the communica-
tions register selects the acquisition channel, read/write
operation for the next register, power-down/normal
mode, and address of the following register to be
accessed. The MX7705 has six user-accessible regis-
ters, which control the function of the device and allow
the result to be read. Write to the communications reg-
ister before accessing any other registers.
Writing to the clock and setup registers after configuring
and initializing the host processor serial port sets up the
MX7705. Use self- or system calibrations to minimize off-
set and gain errors (see the
Calibration section for more
details). Set FSYNC = 0 to begin calibration or conver-
sion. The MX7705 performs free-running acquisitions
when FSYNC is low (see the
Using FSYNC section). The
µC can poll the DRDY bit of the communications register
and read the data register when the DRDY bit returns a
0. For hardware polling, the DRDY output goes low when
the new data is valid in the data register.
The data register can be read multiple times while the
next conversion takes place.
The flow diagram in Figure 11 shows an example
sequence required to perform a conversion on channel
1 (AIN1+ / AIN1-) after a power-on reset.
output data rate
f
Decimation Rate
CLKIN
=
×
128
output data rate
f
Decimation Rate
CLKIN
.
=
×
×
128
05
16-Bit, Low-Power, 2-Channel,
Sigma-Delta ADC
26
______________________________________________________________________________________
Table 14. Filter Select and Decimation Rate
CLK
FS1
FS0
DECIMATION RATE
0
0
0
391
0
0
1
313
01
0
78
01
1
39
1
0
0
384
1
0
1
320
11
0
77
11
1
38


Similar Part No. - MX7705_10

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MX7705EPE MAXIM-MX7705EPE Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705EPE MAXIM-MX7705EPE Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
MX7705EPE++ MAXIM-MX7705EPE+ Datasheet
465Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
2015
MX7705EUE MAXIM-MX7705EUE Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705EUE MAXIM-MX7705EUE Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
More results

Similar Description - MX7705_10

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_V01 Datasheet
465Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
2015
MX7705 MAXIM-MX7705_09 Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
Analog Devices
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7787 AD-AD7787 Datasheet
326Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. 0
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7787 AD-AD7787_15 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz