Electronic Components Datasheet Search |
|
MX7705 Datasheet(PDF) 23 Page - Maxim Integrated Products |
|
MX7705 Datasheet(HTML) 23 Page - Maxim Integrated Products |
23 / 33 page ZERO: (Default = 0) Zero Bit. This is a read-only bit. Values written to this bit are ignored. CLKDIS: (Default = 0) Clock-Disable Bit. Set CLKDIS = 1 to disable the clock when using a crystal or resonator across CLKIN and CLKOUT. Set CLKDIS = 1 to disable CLKOUT when using a CMOS clock source at CLKIN. CLKOUT is held low during clock disable to save power. Set CLKDIS = 0 to allow other devices to use the output signal on CLKOUT as a clock source and/or to enable the external oscillator. CLKDIV: (Default = 0) Clock-Divider Control Bit. The MX7705 has an internal clock divider. Set this bit to 1 to divide the input clock by two. When this bit is set to 0, the MX7705 operates at the external oscillator frequency. CLK: (Default = 1) Clock Bit. Set CLK = 1 for fCLKIN = 2.4576MHz with CLKDIV = 0, or 4.9152MHz with CLKDIV = 1. 16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC ______________________________________________________________________________________ 23 Table 6. Communications Register FIRST BIT (MSB) (LSB) FUNCTION COMMUNICATION START/DATA READY REGISTER SELECT READ/WRITE SELECT POWER-DOWN MODE CHANNEL SELECT Name 0/ DRDY RS2 RS1 RS0 R/ W PD CH1 CH0 Defaults 0 0 0 0 0 0 0 0 Table 7. Register Selection RS2 RS1 RS0 REGISTER POWER-ON RESET STATUS REGISTER SIZE (BITS) 0 0 0 Communications Register 0x00 8 0 0 1 Setup Register 0x01 8 0 1 0 Clock Register 0x05 8 0 1 1 Data Register N/A 16 1 0 0 Test Register* N/A 8 1 0 1 No Operation — — 1 1 0 Offset Register 0x1F 40 00 24 1 1 1 Gain Register 0x57 61 AB 24 Table 8. Channel Selection CH1 CH0 AIN+ AIN- OFFSET/GAIN REGISTER PAIR 0 0 AIN1+ AIN1- 0 0 1 AIN2+ AIN2- 1 1 0 AIN1- AIN1- 0 1 1 AIN1- AIN2- 2 * The test register is used for factory testing only. Table 9. Setup Register FIRST BIT (MSB) (LSB) FUNCTION MODE CONTROL PGA GAIN CONTROL BIPOLAR/UNIPOLAR MODE BUFFER ENABLE FSYNC Name MD1 MD0 G2 G1 G0 B/U BUF FSYNC Defaults 0 0 0 0 0 0 0 1 |
Similar Part No. - MX7705_10 |
|
Similar Description - MX7705_10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |