Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MX7705 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part No. MX7705
Description  16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7705 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MX7705_10 Datasheet HTML 12Page - Maxim Integrated Products MX7705_10 Datasheet HTML 13Page - Maxim Integrated Products MX7705_10 Datasheet HTML 14Page - Maxim Integrated Products MX7705_10 Datasheet HTML 15Page - Maxim Integrated Products MX7705_10 Datasheet HTML 16Page - Maxim Integrated Products MX7705_10 Datasheet HTML 17Page - Maxim Integrated Products MX7705_10 Datasheet HTML 18Page - Maxim Integrated Products MX7705_10 Datasheet HTML 19Page - Maxim Integrated Products MX7705_10 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
16-Bit, Low-Power, 2-Channel,
Sigma-Delta ADC
16
______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
SCLK
Serial Clock Input. Apply an external serial clock to transfer data to and from the device at data rates
of up to 5MHz.
2
CLKIN
Clock Input. Connect a crystal/resonator between CLKIN and CLKOUT, or drive CLKIN externally with
a CMOS-compatible clock source with CLKOUT left unconnected.
3
CLKOUT
Clock Output. Connect a crystal/resonator between CLKIN and CLKOUT. When enabled, CLKOUT
provides a CMOS-compatible, inverted clock output. Set CLKDIS = 0 in the clock register to enable
CLKOUT. Set CLKDIS = 1 in the clock register to disable CLKOUT to conserve power.
4
CS
Active-Low Chip-Select Input.
CS selects the active device in systems with more than one device on
the serial bus. Drive
CS low to clock data in on DIN and to clock data out on DOUT. When CS is high,
DOUT is high impedance. Connect
CS to GND for 3-wire operation.
5
RESET
Active-Low Reset Input. Drive
RESET low to reset the MX7705 to power-on reset status.
6
AIN2+
Channel 2 Positive Differential Analog Input
7
AIN1+
Channel 1 Positive Differential Analog Input
8
AIN1-
Channel 1 Negative Differential Analog Input
9
REF+
Positive Differential Reference Input
10
REF-
Negative Differential Reference Input
11
AIN2-
Channel 2 Negative Differential Analog Input
12
DRDY
Active-Low Data-Ready Output.
DRDY goes low when a new conversion result is available in the data
register. When a read-operation of a full output word completes,
DRDY returns high.
13
DOUT
Serial Data Output. DOUT outputs serial data from the data register. DOUT changes on the falling
edge of SCLK and is valid on the rising edge of SCLK. When
CS is high, DOUT is high impedance.
14
DIN
Serial Data Input. Data on DIN is clocked in on the rising edge of SCLK when
CS is low.
15
VDD
Power Input
16
GND
Ground


Similar Part No. - MX7705_10

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MX7705EPE MAXIM-MX7705EPE Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705EPE MAXIM-MX7705EPE Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
MX7705EPE++ MAXIM-MX7705EPE+ Datasheet
465Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
2015
MX7705EUE MAXIM-MX7705EUE Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705EUE MAXIM-MX7705EUE Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
More results

Similar Description - MX7705_10

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_V01 Datasheet
465Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
2015
MX7705 MAXIM-MX7705_09 Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
Analog Devices
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7787 AD-AD7787 Datasheet
326Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. 0
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7787 AD-AD7787_15 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz