Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMG100DPF10R Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # RMG100DPF10R
Description  RMG100 TO-247 Power Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RMG100DPF10R Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  RMG100DPF10R Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RMG100DPF10R Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RMG100DPF10R Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
03 of 03
RMG100 TO-247 Power Resistors
Environmental Characteristics
How to Order
100
J
P
RMG
D
10R
Part Number
Power Rating
Resistance
Code
Resistance
0R1
0.1Ω
10R
10Ω
1K
1KΩ
10K
10KΩ
Resistance Tolerance (%)
Code
Resistance Tolerance
D
±0.5%
F
±1%
G
±2%
J
±5%
K
±10%
Package
Code
Package
T
Tube
P
Bulk
TCR (PPM/°C)
Code
TCR
D
±50PPM/°C
E
±100PPM/°C
F
±200PPM/°C
G
±300PPM/°C
-
No specified
Back to 1st Page - TO-220 Power Resistors (RMG100)
Test Item
Specification
Test Method
Temperature Coefficient of
Resistance
As spec.
Referenced to 25°C, ΔR taken at +105°C
Short Time Overload
ΔR±0.5%
1.5 times rated power with applied voltage not to
exceed 1.5 times maximum continuous operating
voltage for 5 seconds.
Dielectric strength
ΔR±0.15%
MIL-STD-202F Method 301(1800V AC, 60s)
Load Life
ΔR±1.0%
MIL-PRF-39009D, 4.8.13 Rated power, 2,000 hours.
Moisture resistance
ΔR±0.5%
-10°C~+65°C, RH>90%, cycle 240 hours.
Thermal Shock
ΔR±0.5%
MIL-STD-202, Method 107G.
-65°C~150°C,100 cycle
Terminal Strength
ΔR±0.2%
MIL-STD-202F, Method 211, Cond. A (Pull Test)
2.4N
Vibration, High Frequency ΔR±0.42%
MIL-STD-202F, Method 204, Cond.D
Solderability
90% min coverage
MIL-STD-202F Method 208H
245°C±5°C, 3±0.5 (sec)
Note:1.Lead Material: Tinned Copper. Thermal Grease Should be Applied Properly.
2.When in Free Air at 25°C, the RMG100 is Rated for 3.5W.
3.The Case Temperature is to be used for the Definition of the Applied Power Limit.
4.The Case Temperature Measurement Must be Made with a Thermocouple Contacting the Center of the Component
Mounted on the Designed Heat Sink.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - RMG100DPF10R

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RMG1C1.5 BELDEN-RMG1C1.5 Datasheet
140Kb / 2P
   RailTuff™ Medium wall cable 1800V 1 C 1.5 mm² Str TC,XLPO Ins
11-27-2023
RMG1C10 BELDEN-RMG1C10 Datasheet
139Kb / 2P
   RailTuff™ Medium wall cable 1800V 1 C 10 mm² Str TC,XLPO Ins
11-27-2023
RMG1C120 BELDEN-RMG1C120 Datasheet
140Kb / 2P
   RailTuff™ Medium wall cable 1800V 1 C 120 mm² Str TC,XLPO Ins
11-27-2023
RMG1C150 BELDEN-RMG1C150 Datasheet
142Kb / 2P
   RailTuff™ Medium wall cable 1800V 1 C 150 mm² Str TC,XLPO Ins
11-27-2023
RMG1C16 BELDEN-RMG1C16 Datasheet
140Kb / 2P
   RailTuff™ Medium wall cable 1800V 1 C 16 mm² Str TC,XLPO Ins
11-27-2023
More results

Similar Description - RMG100DPF10R

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF2470 RIEDON-PF2470_16 Datasheet
239Kb / 3P
   TO-247 Power Film Resistors
PF2472-0R05J1 RIEDON-PF2472-0R05J1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
PF2472-30RF1 RIEDON-PF2472-30RF1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
PF2470 RIEDON-PF2470 Datasheet
222Kb / 2P
   TO-247 Power Film Resistors
PF2472-15RF1 RIEDON-PF2472-15RF1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
PF2472-0R2F1 RIEDON-PF2472-0R2F1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
logo
Bi technologies
MHP140 BITECH-MHP140 Datasheet
909Kb / 2P
   140W TO-247 HIGH POWER RESISTORS
logo
Riedon Powertron
PF2470 RIEDON-PF2470_13 Datasheet
206Kb / 2P
   TO-247 Power Thin Film Resistors
logo
List of Unclassifed Man...
MHP100 ETC1-MHP100 Datasheet
876Kb / 2P
   100W TO-247 HIGH POWER RESISTORS
logo
Ohmite Mfg. Co.
AP101 OHMITE-AP101_15 Datasheet
338Kb / 2P
   100W TO-247 High Power Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com