Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRB600W1RJG Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # DRB600W1RJG
Description  DR Round-Wirewound Power Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DRB600W1RJG Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

  DRB600W1RJG Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DRB600W1RJG Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DRB600W1RJG Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DRB600W1RJG Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DRB600W1RJG Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. DRB600W1RJG Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. DRB600W1RJG Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. DRB600W1RJG Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. DRB600W1RJG Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
06 of 09
(DR-AN) 50W ~ 1300W Dimensions
Non-Inductive Wirewound
(DR-AN) N - No mount Dimensions
Non-Inductive Wirewound (DR-AN)
G - Horizontal mount Dimensions
K
I
O
M
J
F
L
D
C
B
H
A
G
E
Watage
Rating
Dimensions (mm)
Resistance
Range
A
B
C
D
E
F
G H
I
J
K
L M O
50W
110
25
16 30
8
150 5 18
6
166
58
1.2 6 27
0.1~10KΩ
60W
90
28
18 32
8
130 5 19
6
146
60
1.2 6 27
0.1~12KΩ
80W
110
28
18 32
8
150 5 19
6
166
60
1.2 6 27
0.1~16KΩ
100W
140
28
18 32
8
180 5 19
6
196
60
1.2 6 27
0.1~20KΩ
120W
160
28
18 32
8
200 5 19
6
216
60
1.2 6 27
0.1~24KΩ
150W
195
28
18 32
8
235 5 19
6
251
60
1.2 6 27
0.3~3KΩ
160W
185
35
24 36 10 225 5 19
8
245
76
1.6 6 34
0.3~35KΩ
200W
210
35
24 36 10 250 5 19
8
274
76
1.6 6 34
0.3~40KΩ
250W
210
40
25 38 12 250 5 20
8
274
78
1.6 6 34
0.5~50KΩ
300W
260
40
25 38 12 300 5 20
8
320
78
1.6 6 34
0.5~60KΩ
400W
330
40
25 38 12 370 5 20
8
395
78
1.6 6 34
0.5~80KΩ
500W
330
50
35 50 12 380 6 25
9
400 100 1.6 8 40
0.5~100KΩ
600W
400
50
35 50 12 450 6 25
9
470 100 1.6 8 40
0.8~120KΩ
700W
460
50
35 50 12 510 6 25
9
530 100 1.6 8 40
0.8~140KΩ
800W
460
60
40 55 15 515 6 30 10 535 110 1.6 10 50
0.8~160KΩ
1000W
540
60
40 55 15 595 6 30 10 615 110 1.6 10 50
1~200KΩ
1300W
650
65
42 62 15 702 6 30 10 722 115 1.6 10 50
1~260KΩ
DRN Power Non-Inductive Resistors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - DRB600W1RJG

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
DRB-09P11 YAMAICHI-DRB-09P11 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
DRB-09P12 YAMAICHI-DRB-09P12 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
DRB-09S11 YAMAICHI-DRB-09S11 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
DRB-09S12 YAMAICHI-DRB-09S12 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
DRB-15P11 YAMAICHI-DRB-15P11 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
More results

Similar Description - DRB600W1RJG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RP2W101JB ETC1-RP2W101JB Datasheet
60Kb / 3P
   POWER WIREWOUND RESISTORS
logo
Vishay Siliconix
VNC VISHAY-VNC Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5 Datasheet
289Kb / 2P
   Tubular Power Wirewound Resistors
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
   Mount Wirewound Resistors Mount Wirewound Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5_13 Datasheet
161Kb / 2P
   Tubular Power Wirewound Resistors
logo
Willow Technologies Ltd
TSC-5 WILLOW-TSC-5 Datasheet
361Kb / 2P
   Tubular Power Wirewound Resistors
KNP WILLOW-KNP Datasheet
157Kb / 2P
   WIREWOUND RESISTORS
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
   Wirewound Resistors
logo
Vishay Siliconix
RWR81S1R00FS VISHAY-RWR81S1R00FS Datasheet
164Kb / 4P
   Wirewound Resistors
Revision: 30-Mar-12
logo
Riedon Powertron
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com