Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15046AAEE+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX15046AAEE+
Description  40V, High-Performance, Synchronous Buck Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15046AAEE+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX15046AAEE+ Datasheet HTML 7Page - Maxim Integrated Products MAX15046AAEE+ Datasheet HTML 8Page - Maxim Integrated Products MAX15046AAEE+ Datasheet HTML 9Page - Maxim Integrated Products MAX15046AAEE+ Datasheet HTML 10Page - Maxim Integrated Products MAX15046AAEE+ Datasheet HTML 11Page - Maxim Integrated Products MAX15046AAEE+ Datasheet HTML 12Page - Maxim Integrated Products MAX15046AAEE+ Datasheet HTML 13Page - Maxim Integrated Products MAX15046AAEE+ Datasheet HTML 14Page - Maxim Integrated Products MAX15046AAEE+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
40V, High-Performance, Synchronous
Buck Controller
______________________________________________________________________________________ 11
to function properly. The stray impedance in the gate
discharge path can cause the sense circuitry to interpret
the MOSFET gate as “off” while the VGS of the MOSFET
is still high. To minimize stray impedance, use very short,
wide traces.
Synchronous rectification reduces conduction losses in
the rectifier by replacing the normal low-side Schottky
catch diode with a low-resistance MOSFET switch. The
MAX15046 features a robust internal pulldown transistor
with a typical 1I RDS(ON) to drive DL low. This low on-
resistance prevents DL from being pulled up during the
fast rise time of the LX node, due to capacitive coupling
from the drain to the gate of the low-side synchronous
rectifier MOSFET.
High-Side Gate-Drive Supply (BST)
An external Schottky diode between BST and DH is
required to boost the gate voltage above LX providing
the necessary gate-to-source voltage to turn on the high-
side MOSFET. The boost capacitor connected between
BST and LX holds up the voltage across the gate driver
during the high-side MOSFET on-time.
The charge lost in the boost capacitor for delivering the
gate charge is replenished when the high-side MOSFET
turns off and the LX node goes to ground. When LX is
low, the external diode between VDRV and BST recharg-
es the boost capacitor. See the Boost Capacitor and
Diode Selection section in the Applications Information
to choose the right boost capacitor and diode.
Enable Input (EN), Soft-Start, and Soft-Stop
Drive EN high to turn on the MAX15046. A soft-start
sequence starts to increase (step-wise) the reference
voltage of the error amplifier. The duration of the soft-
start ramp is 2048 switching cycles and the resolution is
1/64th of the steady-state regulation voltage allowing a
smooth increase of the output voltage. A logic-low on EN
initiates a soft-stop sequence by stepping down the ref-
erence voltage of the error amplifier. After the soft-stop
sequence is completed, the MOSFET drivers are both
turned off. See Figure 1.
Connect EN to VCC for always-on operation. Owing to
the accurate turn-on/-off thresholds, EN can be used
as a UVLO adjustment input, and for power sequencing
together with the PGOOD outputs.
Figure 1. Power On-Off Sequencing
VCC
B
C
D
E
2048 CLOCK
CYCLES
2048 CLOCK
CYCLES
F
G
H
I
A
UVLO
EN
VOUT
DAC_VREF
DH
DL
UVLO
Undervoltage threshold value is provided in
the Electrical Characteristics table.
Internal 5.25V linear regulator output.
Active-high enable input.
Regulator output voltage.
Regulator internal soft-start and soft-stop signal.
Regulator high-side gate-driver output.
Regulator low-side gate-driver output.
VCC rising while below the UVLO threshold.
EN is low.
VCC
EN
VOUT
DAC_VREF
DH
DL
A
SYMBOL
DEFINITION
B
VCC is higher than the UVLO threshold. EN is low.
EN is pulled high. DH and DL start switching.
Normal operation.
VCC drops below UVLO.
VCC goes above the UVLO threshold. DH and DL
start switching. Normal operation.
EN is pulled low. VOUT enters soft-stop.
EN is pulled high. DH and DL start switching.
Normal operation.
VCC drops below UVLO.
C
D
E
F
G
H
I
SYMBOL
DEFINITION


Similar Part No. - MAX15046AAEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15046AAEE++ MAXIM-MAX15046AAEE+ Datasheet
3Mb / 23P
   40V, High-Performance, Synchronous Buck Controller
Rev 0; 7/09
More results

Similar Description - MAX15046AAEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15046 MAXIM-MAX15046 Datasheet
3Mb / 23P
   40V, High-Performance, Synchronous Buck Controller
Rev 0; 7/09
logo
Semtech Corporation
SC4612H SEMTECH-SC4612H_09 Datasheet
1Mb / 18P
   40V Synchronous Buck Controller
SC4612H SEMTECH-SC4612H Datasheet
539Kb / 21P
   40V Synchronous Buck Controller
logo
Vishay Siliconix
SI9142 VISHAY-SI9142 Datasheet
261Kb / 11P
   Synchronous Buck Controller for High Performance Processors
Rev. C, 05-Apr-99
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
   40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
logo
Semtech Corporation
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
   High Performance Synchronous Buck Controller With Reference Tracking
logo
Major-Power Technology ...
MA5621 MPOWER-MA5621 Datasheet
320Kb / 2P
   40V Synchronous Buck Controller with 2ch CC/CV
logo
Semtech Corporation
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2544 SEMTECH-SC2544 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com