Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1685QN-5+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1685QN-5+
Description  3V/5V Real-Time Clocks
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1685QN-5+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1685QN-5+ Datasheet HTML 7Page - Maxim Integrated Products DS1685QN-5+ Datasheet HTML 8Page - Maxim Integrated Products DS1685QN-5+ Datasheet HTML 9Page - Maxim Integrated Products DS1685QN-5+ Datasheet HTML 10Page - Maxim Integrated Products DS1685QN-5+ Datasheet HTML 11Page - Maxim Integrated Products DS1685QN-5+ Datasheet HTML 12Page - Maxim Integrated Products DS1685QN-5+ Datasheet HTML 13Page - Maxim Integrated Products DS1685QN-5+ Datasheet HTML 14Page - Maxim Integrated Products DS1685QN-5+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
DS1685/DS1687 3V/5V Real-Time Clocks
11 of 34
CONTROL REGISTERS
The four control registers A, B, C, and D reside in both bank 0 and bank 1. These registers are accessible at all
times, even during the update cycle.
Register A (0Ah)
MSB
LSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
UIP
DV2
DV1
DV0
RS3
RS2
RS1
RS0
UIP – The update-in-progress (UIP) bit is a status flag that can be monitored. When the UIP bit is a 1, the update
transfer occurs soon. When UIP is a 0, the update transfer does not occur for at least 244
s. The time, calendar,
and alarm information in RAM is fully available for access when the UIP bit is 0. The UIP bit is read-only. Writing
the SET bit in Register B to a 1 inhibits any update transfer and clears the UIP status bit.
DV2, DV1, DV0 - These three bits are used to turn the oscillator on or off and to reset the countdown chain. A
pattern of 01X is the only combination of bits that will turn the oscillator on and allow the RTC to keep time. A
pattern of 11X will enable the oscillator but holds the countdown chain in reset. The next update will occur at
500ms after a pattern of 01X is written to DV0, DV1, and DV2. The oscillator enable bit, DV1, will be set to a 1
when VCC is applied.
DV2 = Countdown Chain
1 – resets countdown chain only if DV1=1
0 – countdown chain enabled
DV1 = Oscillator Enable
1 – oscillator on
0 – oscillator off
DV0 = Bank Select
1 – extended registers
0 – original bank
RS3, RS2, RS1, RS0 – These four rate-selection bits select one of the 13 taps on the 15-stage divider or disable
the divider output. The tap selected can be used to generate an output square wave (SQW pin) and/or a periodic
interrupt. The user can do one of the following:
1) Enable the interrupt with the PIE bit;
2) Enable the SQW output pin with the SQWE or E32K bits;
3) Enable both at the same time and the same rate; or
4) Enable neither.
Table 3 lists the periodic interrupt rates and the square-wave frequencies that can be chosen with the RS bits.


Similar Part No. - DS1685QN-5+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1685QN-5++ DALLAS-DS1685QN-5+ Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
More results

Similar Description - DS1685QN-5+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
Dallas Semiconductor
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
   3V/5V Real-Time Clock
DS17885-DS17887 DALLAS-DS17885-DS17887 Datasheet
410Kb / 38P
   3V/5V Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com