Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1685Q-3+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1685Q-3+
Description  3V/5V Real-Time Clocks
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1685Q-3+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1685Q-3+ Datasheet HTML 5Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 6Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 7Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 8Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 9Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 10Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 11Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 12Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
DS1685/DS1687 3V/5V Real-Time Clocks
9 of 34
“don’t care” codes in all three time alarm bytes create an interrupt every second. The three time-alarm bytes can be
used with the date alarm as described in the Wake-Up/Kickstart section. The century counter is discussed later in
this text.
All registers can be directly written or read except for the following:
1) Registers C and D are read-only.
2) Bit 7 of Register A is read-only.
3) Bit 7 of the seconds byte is read-only.
Table 2A. Time, Calendar, and Alarm Data Modes—BCD Mode (DM = 0)
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
FUNCTION
RANGE
00H
0
10 Seconds
Seconds
Seconds
00-59
01H
0
10 Seconds
Seconds
Seconds
Alarm
00-59
02H
0
10 Minutes
Minutes
Minutes
00-59
03H
0
10 Minutes
Minutes
Minutes
Alarm
00-59
AM/PM
0
10 Hour
04H
0
0
10 Hour
Hours
Hours
1-12
+AM/PM
00-23
AM/PM
0
10 Hour
05H
0
0
10 Hr
Hours
Hours
Alarm
1-12
+AM/PM
00-23
06H
0
0
0
0
0
Day
Day
01-07
07H
0
0
10 Date
Date
Date
01-31
08H
0
0
0
10 Month
Month
Month
01-12
09H
10 Year
Year
Year
00-99
0AH
UIP
DV2
DV1
DV0
RS3
RS2
RS1
RS0
Control
0BH
SET
PIE
AIE
UIE
SQWE
DM
24/12
DSE
Control
0CH
IRQF
PF
AF
UF
0
0
0
0
Control
0DH
VRT
0
0
0
0
0
0
0
Control
48H
Century
Bank 1
Century
00-99
49H
10 Date
Date
Bank 1
Date Alarm
01-31
X = Read/Write Bit.
Note 1: Unless otherwise specified, the state of the registers is not defined when power is first applied.
Note 2: Except for the seconds register, 0 bits in the time and date registers can be written to a 1, but may be modified when the clock updates.
0 bits should always be written to 0 except for alarm mask bits.


Similar Part No. - DS1685Q-3+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1685Q-3++ DALLAS-DS1685Q-3+ Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
DS1685Q-3+TR DALLAS-DS1685Q-3+TR Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
More results

Similar Description - DS1685Q-3+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
Dallas Semiconductor
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
   3V/5V Real-Time Clock
DS17885-DS17887 DALLAS-DS17885-DS17887 Datasheet
410Kb / 38P
   3V/5V Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com