Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1706ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1706ESA
Description  3.3V and 5.0V MicroMonitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1706ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1706ESA Datasheet HTML 4Page - Maxim Integrated Products DS1706ESA Datasheet HTML 5Page - Maxim Integrated Products DS1706ESA Datasheet HTML 6Page - Maxim Integrated Products DS1706ESA Datasheet HTML 7Page - Maxim Integrated Products DS1706ESA Datasheet HTML 8Page - Maxim Integrated Products DS1706ESA Datasheet HTML 9Page - Maxim Integrated Products DS1706ESA Datasheet HTML 10Page - Maxim Integrated Products DS1706ESA Datasheet HTML 11Page - Maxim Integrated Products DS1706ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DS1705/DS1706
8 of 12
ABSOLUTE MAXIMUM RATINGS
Voltage Range on VCC Pin Relative to Ground
-0.5V to +7.0V
Voltage Range on I/O Relative to Ground*
-0.5V to (VCC + 0.5V)
Operating Temperature Range
-40
C to +85C
Storage Temperature Range
-55
C to +125C
Lead Temperature (soldering, 10s)
+260
C
Soldering Temperature (reflow)
Lead(Pb)-free
+260
C
Containing lead(Pb)
+240
C
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect
reliability.
*The voltage input on IN, ST, and
PBRST can be exceeded if the input current is less than 10 mA
.
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40C to +85C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
1.2
5.5
V
1
ST
and PBRST Input High Level
VIH
2.0
VCC-0.5
VCC+0.3
V
1, 3
1, 4
ST
and PBRST Input Low Level
VIL
-0.03
+0.5
V
1
DC ELECTRICAL CHARACTERISTICS
(VCC = 1.2V to 5.5V, TA = -40C to +85C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
VCC Trip Point DS1705/DS1706L
VCCTP
4.50
4.65
4.75
V
1
VCC Trip Point DS1706
VCCTP
4.25
4.40
4.50
V
1
VCC Trip Point DS1706T
VCCTP
3.00
3.08
3.15
V
1
VCC Trip Point DS1706S
VCCTP
2.85
2.93
3.00
V
1
VCC Trip Point DS1706P or R
VCCTP
2.55
2.63
2.70
V
1
Input Leakage
IIL
-1.0
+1.0
A
2
Output Current @ 2.4V
IOH
350
A
3
Output Current @ 0.4V
IOL
10
mA
3
Output Voltage @ -500
A
VOH
VCC-0.3
VCC-0.1
V
3
Operating Current
@ VCC < 5.5V
ICC
60
A
5
Operating Current
@ VCC < 3.6V
ICC
50
A
5
IN Input Trip Point
VTP
1.20
1.25
1.30
V
1
CAPACITANCE
(TA = +25C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
pF
Output Capacitance
COUT
7
pF


Similar Part No. - DS1706ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1706ESA MAXIM-DS1706ESA Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
More results

Similar Description - DS1706ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1706SESA MAXIM-DS1706SESA Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
logo
Dallas Semiconductor
DS1814 DALLAS-DS1814 Datasheet
146Kb / 8P
   5V and 3.3V MicroMonitor
logo
Maxim Integrated Produc...
DS1814 MAXIM-DS1814 Datasheet
152Kb / 8P
   5V and 3.3V MicroMonitor
122001
DS1831C MAXIM-DS1831C Datasheet
197Kb / 15P
   3.3V/2.5V Multisupply MicroMonitor
060303
logo
Dallas Semiconductor
DS1831C DALLAS-DS1831C Datasheet
76Kb / 14P
   3.3V/2.5V Multi-Supply MicroMonitor
logo
Central Semiconductor C...
PB_CMATVS3V3_1509 CENTRAL-PB_CMATVS3V3_1509 Datasheet
1Mb / 2P
   3.3V and 5.0V Transient Voltage Suppressors
logo
M.S. Kennedy Corporatio...
MSK5020-33 MSK-MSK5020-33_15 Datasheet
422Kb / 6P
   Available in 3.3V, 5.0V and 12.0V versions
MSK5010-33 MSK-MSK5010-33_15 Datasheet
743Kb / 7P
   Available in 3.3V, 5.0V and 12.0V versions
MSK5010-120 MSK-MSK5010-120_15 Datasheet
743Kb / 7P
   Available in 3.3V, 5.0V and 12.0V versions
MSK5020-120 MSK-MSK5020-120_15 Datasheet
422Kb / 6P
   Available in 3.3V, 5.0V and 12.0V versions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com