Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS12CR887 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS12CR887
Description  RTCs with Constant-Voltage Trickle Charger
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS12CR887 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS12CR887 Datasheet HTML 1Page - Maxim Integrated Products DS12CR887 Datasheet HTML 2Page - Maxim Integrated Products DS12CR887 Datasheet HTML 3Page - Maxim Integrated Products DS12CR887 Datasheet HTML 4Page - Maxim Integrated Products DS12CR887 Datasheet HTML 5Page - Maxim Integrated Products DS12CR887 Datasheet HTML 6Page - Maxim Integrated Products DS12CR887 Datasheet HTML 7Page - Maxim Integrated Products DS12CR887 Datasheet HTML 8Page - Maxim Integrated Products DS12CR887 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
RTCs with Constant-Voltage Trickle Charger
4
_____________________________________________________________________
AC ELECTRICAL CHARACTERISTICS
(VCC = 2.97V to 3.63V, TA = -40°C to +85°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Cycle Time
tCYC
280
DC
ns
Pulse Width, DS Low or R/W High
PWEL
130
ns
Pulse Width, DS High or R/W Low
PWEH
90
ns
Input Rise and Fall
tR, tF
30
ns
R/W Hold Time
tRWH
0
ns
R/W Setup Time Before DS
tRWS
15
ns
Chip-Select Setup Time Before
DS or R/W
tCS
8
ns
Chip-Select Hold Time
tCH
0
ns
Read-Data Hold Time
tDHR
5
55
ns
Write-Data Hold Time
tDHW
0
ns
Address Valid Time to AS Fall
tASL
30
ns
Address Hold Time to AS Fall
tAHL
15
ns
Delay Time DS to AS Rise
tASD
15
ns
Pulse Width AS High
PWASH
45
ns
Delay Time, AS to DS Rise
tASED
55
ns
Output Data Delay Time from DS
or R/W
tDDR
(Note 8)
20
80
ns
Data Setup Time
tDSW
70
ns
Reset Pulse Width
tRWL
5
μs
IRQ Release from DS
tIRDS
0
2
μs
IRQ Release from RESET
tIRR
0
2
μs


Similar Part No. - DS12CR887

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS12CR887 DALLAS-DS12CR887 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12CR887 MAXIM-DS12CR887 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS12CR887 MAXIM-DS12CR887 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
logo
Dallas Semiconductor
DS12CR887-33 DALLAS-DS12CR887-33 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12CR887-33 MAXIM-DS12CR887-33 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
More results

Similar Description - DS12CR887

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1390 MAXIM-DS1390 Datasheet
742Kb / 24P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 0; 7/04
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1390 MAXIM-DS1390_09 Datasheet
388Kb / 26P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 3; 8/09
DS1390 MAXIM-DS1390_07 Datasheet
380Kb / 25P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 1; 1/07
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com