Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS12R885 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS12R885
Description  RTCs with Constant-Voltage Trickle Charger
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS12R885 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS12R885 Datasheet HTML 1Page - Maxim Integrated Products DS12R885 Datasheet HTML 2Page - Maxim Integrated Products DS12R885 Datasheet HTML 3Page - Maxim Integrated Products DS12R885 Datasheet HTML 4Page - Maxim Integrated Products DS12R885 Datasheet HTML 5Page - Maxim Integrated Products DS12R885 Datasheet HTML 6Page - Maxim Integrated Products DS12R885 Datasheet HTML 7Page - Maxim Integrated Products DS12R885 Datasheet HTML 8Page - Maxim Integrated Products DS12R885 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
RTCs with Constant-Voltage Trickle Charger
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC Pin Relative to Ground .....-0.3V to +6.0V
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range
EDIP, BGA ........................................................-40°C to +85°C
SO ...................................................................-55°C to +125°C
Lead Temperature (soldering, 10s) .................................+260°C
(Note: EDIP is hand or wave-soldered only.)
Soldering Temperature (reflow)
SO .................................................................................+260°C
BGA...............................................................................+240°C
DC ELECTRICAL CHARACTERISTICS
(VCC = VCC(MIN) to VCC(MAX), TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
-33
2.97
3.3
3.63
Supply Voltage (Note 2)
VCC
-5
4.5
5.0
5.5
V
VBACKUP Input Voltage
(DS12R885 Only)
VBACKUP
(Note 2)
2.0
VOUT
V
Input Logic 1
VIH
(Note 2)
2.2
VCC +
0.3
V
Input Logic 0
VIL
(Note 2)
-0.3
+0.8
V
-33
0.7
2
VCC Power-Supply Current
(Note 3)
ICC1
-5
0.8
2
mA
-5
0.250
0.5
VCC Standby Current (Note 4)
ICCS
-33
0.140
0.3
mA
Input Leakage
IIL
-1.0
+1.0
μA
I/O Leakage
IOL
(Note 5)
-1.0
+1.0
μA
Input Current
IMOT
(Note 6)
-1.0
+500
μA
Output Current at 2.4V
IOH
(Note 2)
-1.0
mA
Output Current at 0.4V
IOL
(Note 2)
4.0
mA
-33
2.7
2.88
2.97
Power-Fail Voltage (Note 2)
VPF
-5
4.05
4.33
4.5
V
-33
VRT Trip Point
VRTTRIP
-5
1.3
V
Trickle-Charger Current-Limiting
Resistor
R1
DS12R885 Only
10
k
Trickle-Charger Output Voltage
VOUT
DS12R885 Only
3.05
V


Similar Part No. - DS12R885

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS12R885 MAXIM-DS12R885 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
logo
Dallas Semiconductor
DS12R885-33 DALLAS-DS12R885-33 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885-33 MAXIM-DS12R885-33 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
More results

Similar Description - DS12R885

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1390 MAXIM-DS1390 Datasheet
742Kb / 24P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 0; 7/04
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1390 MAXIM-DS1390_09 Datasheet
388Kb / 26P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 3; 8/09
DS1390 MAXIM-DS1390_07 Datasheet
380Kb / 25P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 1; 1/07
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com