Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25324S8I-1.8 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X25324S8I-1.8
Description  Programmable Watchdog Timer w/Serial E 2 PROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25324S8I-1.8 Datasheet(HTML) 1 Page - Xicor Inc.

  X25324S8I-1.8 Datasheet HTML 1Page - Xicor Inc. X25324S8I-1.8 Datasheet HTML 2Page - Xicor Inc. X25324S8I-1.8 Datasheet HTML 3Page - Xicor Inc. X25324S8I-1.8 Datasheet HTML 4Page - Xicor Inc. X25324S8I-1.8 Datasheet HTML 5Page - Xicor Inc. X25324S8I-1.8 Datasheet HTML 6Page - Xicor Inc. X25324S8I-1.8 Datasheet HTML 7Page - Xicor Inc. X25324S8I-1.8 Datasheet HTML 8Page - Xicor Inc. X25324S8I-1.8 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
©Xicor, Inc. 1994, 1995, 1996 Patents Pending
7050 -1.0 6/20/97 T0/C0/D0 SH
1
Characteristics subject to change without notice
64K
32K
16K
X25644/46
X25324/26
X25164/66
8K x 8 Bit
4K x 8 Bit
2K x 8 Bit
Programmable Watchdog Timer w/Serial E2PROM
FEATURES
• Programmable Watchdog Timer with Reset
Assertion
—Reset Signal Valid to Vcc=1V
—Power Up Reset Control
• Save Critical Data With Block LockTM Protection
—Block LockTM Protect 0, 1/4, 1/2 or all of
Serial E2PROM Memory Array
• In Circuit Programmable ROM Mode
• Long Battery Life With Low Power Consumption
—<50
µA Max Standby Current, Watchdog On
—<1
µA Max Standby Current, Watchdog Off
—<5mA Max Active Current during Write
—<400
µA Max Active Current during Read
• 1.8V to 3.6V, 2.7V to 5.5V and 4.5V to 5.5V Power
Supply Operation
• 2MHz Clock Rate
• Minimize Programming Time
—32 Byte Page Write Mode
—Self-Timed Write Cycle
—5ms Write Cycle Time (Typical)
• SPI Modes (0,0 & 1,1)
• Built-in Inadvertent Write Protection
—Power-Up/Power-Down Protection Circuitry
—Write Enable Latch
—Write Protect Pin
• High Reliability
• Available Packages
—14-Lead SOIC (X2564x)
—14-Lead TSSOP (X2532x, X2516x)
—8-Lead SOIC (X2532x, X2516x)
DESCRIPTION
These devices combine two popular functions, Watchdog
Timer, and Serial E2PROM Memory in one package. This
combination lowers system cost, reduces board space
requirements, and increases reliability.
The Watchdog Timer provides an independent protection
mechanism for microcontrollers. During a system failure,
the device will respond with a RESET/RESET signal
after a selectable time-out interval. The user selects the
interval from three preset values. Once selected, the
interval does not change, even after cycling the power.
The memory portion of the device is a CMOS Serial
E2PROM array with Xicor’s Block LockTM Protection. The
array is internally organized as x 8. The device features a
Serial Peripheral Interface (SPI) and software protocol
allowing operation on a simple four-wire bus.
The device utilizes Xicor’s proprietary Direct WriteTM cell,
providing a minimum endurance of 100,000 cycles per
sector and a minimum data retention of 100 years.
BLOCK DIAGRAM
DATA
REGISTER
COMMAND
DECODE &
CONTROL
LOGIC
RESET
CONTROL
WRITE,
BLOCK LOCK &
ICP ROM CONTROL
X - DECODE
LOGIC
STATUS
REGISTER
WATCHDOG
PAGE DECODE LOGIC
SERIAL
E2PROM
ARRAY
HIGH
VOLTAGE
CONTROL
SI
SO
SCK
CS
RESET/RESET
WP
7029 FRM 01
32
8
TIMER


Similar Part No. - X25324S8I-1.8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25320 XICOR-X25320 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25320F ICMIC-X25320F Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25320FG ICMIC-X25320FG Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25320FP ICMIC-X25320FP Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
More results

Similar Description - X25324S8I-1.8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25643 XICOR-X25643 Datasheet
76Kb / 16P
   Programmable Watchdog Timer & V CC Supervisory Circuit w/Serial E 2 PROM
X25648 XICOR-X25648 Datasheet
73Kb / 16P
   V CC Supervisory Circuit w/Serial E 2 PROM
logo
STMicroelectronics
SPC560P34L1 STMICROELECTRONICS-SPC560P34L1 Datasheet
830Kb / 103P
   Programmable watchdog timer
September 2013 Rev 7
logo
OKI electronic componet...
MSM16911 OKI-MSM16911 Datasheet
329Kb / 8P
   1024-BIT SERIAL E-2 PROM
logo
Xicor Inc.
X24641 XICOR-X24641 Datasheet
66Kb / 13P
   400 KHz 2-Wire Serial E 2 PROM
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
logo
Texas Instruments
TPS3431 TI1-TPS3431 Datasheet
1Mb / 30P
[Old version datasheet]   Standard Programmable Watchdog Timer with Enable
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
logo
Texas Instruments
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com