Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA199A2RSWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA199A2RSWR
Description  Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA199A2RSWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA199A2RSWR Datasheet HTML 5Page - Texas Instruments INA199A2RSWR Datasheet HTML 6Page - Texas Instruments INA199A2RSWR Datasheet HTML 7Page - Texas Instruments INA199A2RSWR Datasheet HTML 8Page - Texas Instruments INA199A2RSWR Datasheet HTML 9Page - Texas Instruments INA199A2RSWR Datasheet HTML 10Page - Texas Instruments INA199A2RSWR Datasheet HTML 11Page - Texas Instruments INA199A2RSWR Datasheet HTML 12Page - Texas Instruments INA199A2RSWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
INA199Ax
V+
OUT
GND
IN-
IN+
C
BYPASS
0.01mF
to
0.1mF
+2.7Vto+26V
REF
Reference
Voltage
Supply
Load
R
SHUNT
Output
R
1
R
3
R
2
R
4
INA199A1
INA199A2
INA199A3
www.ti.com
SBOS469B – MAY 2009 – REVISED FEBRUARY 2010
APPLICATION INFORMATION
The INA199Ax series of current-shunt monitors give
BASIC CONNECTIONS
equivalent accuracy at a full-scale range on the order
of 10mV. This accuracy reduces shunt dissipation by
Figure 20 shows the basic connections for the
an order of magnitude with many additional benefits.
INA199Ax. The input pins, IN+ and IN–, should be
connected as closely as possible to the shunt resistor
Alternatively,
there
are
applications
that
must
to minimize any resistance in series with the shunt
measure current over a wide dynamic range that can
resistance.
take advantage of the low offset on the low end of the
measurement. Most often, these applications can use
the
lower
gain
INA199A1
or
INA199A2
to
accommodate larger shunt drops on the upper end of
the scale. For instance, an INA199A1 operating on a
3.3V supply could easily handle a full-scale shunt
drop of 60mV, with only 150mV of offset.
UNIDIRECTIONAL OPERATION
Unidirectional operation allows the INA199Ax to
measure currents through a resistive shunt in one
direction. The most frequent case of unidirectional
operation sets the output at ground by connecting the
REF pin to ground. In unidirectional applications
where the highest possible accuracy is desirable at
very low inputs, bias the REF pin to a convenient
value above 50mV to get the device output swing into
Figure 20. Typical Application
the linear range for zero inputs.
A less frequent case of unipolar output biasing is to
Power-supply bypass capacitors are required for
bias the output by connecting the REF pin to the
stability. Applications with noisy or high-impedance
supply; in this case, the quiescent output for zero
power supplies may require additional decoupling
input is at quiescent supply. This configuration would
capacitors to reject power-supply noise. Connect
only respond to negative currents (inverted voltage
bypass capacitors close to the device pins.
polarity at the device input).
On the RSW package, two pins are provided for each
input. These pins should be tied together (that is, tie
BIDIRECTIONAL OPERATION
IN+ to IN+ and tie IN– to IN–).
Bidirectional
operation
allows
the
INA199Ax
to
measure currents through a resistive shunt in two
POWER SUPPLY
directions. In this case, the output can be set
The input circuitry of the INA199Ax can accurately
anywhere within the limits of what the reference
measure beyond its power-supply voltage, V+. For
inputs allow (that is, between 0V to V+). Typically, it
example, the V+ power supply can be 5V, whereas
is set at half-scale for equal range in both directions.
the load power-supply voltage can be as high as
In some cases, however, it is set at a voltage other
+26V. However, the output voltage range of the OUT
than half-scale when the bidirectional current is
terminal
is
limited
by
the
voltages
on
the
nonsymmetrical.
power-supply pin. Note also that the INA199Ax can
The quiescent output voltage is set by applying
withstand the full –0.3V to +26V range in the input
voltage to the reference input. Under zero differential
pins, regardless of whether the device has power
input conditions the output assumes the same voltage
applied or not.
that is applied to the reference input.
SELECTING RS
The zero-drift offset performance of the INA199Ax
offers several benefits. Most often, the primary
advantage of the low offset characteristic enables
lower full-scale drops across the shunt. For example,
non-zero-drift current shunt monitors typically require
a full-scale range of 100mV.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): INA199A1 INA199A2 INA199A3


Similar Part No. - INA199A2RSWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199A2RSWR TI-INA199A2RSWR Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A2RSWR TI1-INA199A2RSWR Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
More results

Similar Description - INA199A2RSWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199B1RSWT TI-INA199B1RSWT Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA213BIDCKR TI1-INA213BIDCKR Datasheet
1Mb / 29P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA214AIRSWR TI1-INA214AIRSWR Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA214 TI-INA214 Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT-SHUNT MONITOR
INA210 TI-INA210 Datasheet
581Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199B2DCKR TI1-INA199B2DCKR Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A1 TI1-INA199A1_14 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA191 TI1-INA191 Datasheet
461Kb / 22P
[Old version datasheet]   Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com