Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2026D2YZHT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2026D2YZHT
Description  3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2026D2YZHT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA2026D2YZHT Datasheet HTML 6Page - Texas Instruments TPA2026D2YZHT Datasheet HTML 7Page - Texas Instruments TPA2026D2YZHT Datasheet HTML 8Page - Texas Instruments TPA2026D2YZHT Datasheet HTML 9Page - Texas Instruments TPA2026D2YZHT Datasheet HTML 10Page - Texas Instruments TPA2026D2YZHT Datasheet HTML 11Page - Texas Instruments TPA2026D2YZHT Datasheet HTML 12Page - Texas Instruments TPA2026D2YZHT Datasheet HTML 13Page - Texas Instruments TPA2026D2YZHT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 50 mW
PO = 250 mW
PO = 700 mW
Gain = 6 dB
RL = 4 Ω + 33 µH
VSupply = 3.6 V
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 50 mW
PO = 250 mW
PO = 500 mW
Gain = 6 dB
RL = 8 Ω + 33 µH
VSupply = 3.6 V
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 100 mW
PO = 500 mW
PO = 1.75 W
Gain = 6 dB
RL = 4 Ω + 33 µH
VSupply = 5.0 V
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 100 mW
PO = 500 mW
PO = 1 W
Gain = 6 dB
RL = 8 Ω + 33 µH
VSupply = 5.0 V
PO − Output Power (Per Channel) − W
10m
100m
1
4
0.01
0.1
1
10
100
VSupply = 2.5 V
VSupply = 3.6 V
VSupply = 5.0 V
Gain = 6 dB
RL = 4 Ω + 33 µH
f = 1 kHz
PO − Output Power (Per Channel) − W
10m
100m
1
3
0.01
0.1
1
10
100
VSupply = 2.5 V
VSupply = 3.6 V
VSupply = 5.0 V
Gain = 6 dB
RL = 8 Ω + 33 µH
f = 1 kHz
TPA2026D2
SLOS649 – MARCH 2010
www.ti.com
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY Vsupply = 3.6V, 4
Ω
FREQUENCY Vsupply = 3.6V, 8
Ω
Figure 13.
Figure 14.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY Vsupply = 5.0V, 4
Ω
FREQUENCY Vsupply = 5.0V, 8
Ω
Figure 15.
Figure 16.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
POWER, 4
Ω
POWER, 8
Ω
Figure 17.
Figure 18.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPA2026D2


Similar Part No. - TPA2026D2YZHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2026D2 TI-TPA2026D2 Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
More results

Similar Description - TPA2026D2YZHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI1-TPA2028D1_17 Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1 Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1_10 Datasheet
1Mb / 37P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2018D1 TI-TPA2018D1 Datasheet
1Mb / 36P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with SmartGain AGC/DRC
TPA2029D1 TI1-TPA2029D1 Datasheet
656Kb / 17P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With SmartGain??AGC/DRC
TPA2016D2 TI-TPA2016D2 Datasheet
986Kb / 35P
[Old version datasheet]   1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2017D2 TI-TPA2017D2 Datasheet
780Kb / 20P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with SmartGainTM Dynamic Range Compression and AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com