Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA199A1DCKR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA199A1DCKR
Description  Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA199A1DCKR Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA199A1DCKR Datasheet HTML 2Page - Texas Instruments INA199A1DCKR Datasheet HTML 3Page - Texas Instruments INA199A1DCKR Datasheet HTML 4Page - Texas Instruments INA199A1DCKR Datasheet HTML 5Page - Texas Instruments INA199A1DCKR Datasheet HTML 6Page - Texas Instruments INA199A1DCKR Datasheet HTML 7Page - Texas Instruments INA199A1DCKR Datasheet HTML 8Page - Texas Instruments INA199A1DCKR Datasheet HTML 9Page - Texas Instruments INA199A1DCKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Common-ModeVoltage(V)
50
40
30
20
10
0
-
10
0
5
30
10
15
20
25
I ,I ,V
=2.5V
B+
B
REF
-
I ,I ,V
=0V
B+
B
REF
-
V+
(V+)
0.25
-
(V+)
0.50
-
(V+)
0.75
-
(V+)
1.00
-
(V+)
1.25
-
(V+)
1.50
-
GND+1.50
GND+1.25
GND+1.00
GND+0.75
GND+0.50
GND+0.25
GND
0
2
4
5
8
OutputCurrent(mA)
10
12
14
18
16
+85 C
°
+25 C
°
-
20 C
°
+85 C
°
-
°
20 C
+25 C
°
Common-ModeVoltage(V)
30
25
20
15
10
5
0
-
5
0
5
30
10
15
20
25
I ,V
=2.5V
B+
REF
I ,I ,V
=0V
and
I ,V
=2.5V
B+
B
REF
-
B
REF
-
Temperature( C)
°
30
29
28
27
26
25
-
50
-
25
125
0
25
50
75
100
Temperature( C)
°
70
68
66
64
62
60
-
50
-
25
125
0
25
50
75
100
Frequency(Hz)
100
10
1
10
100
1k
100k
10k
V = 2.5V
±
S
V
=0V
REF
V
,V
=0V
IN
IN+
-
INA199A1
INA199A2
INA199A3
INA199A1
INA199A2
INA199A3
SBOS469B – MAY 2009 – REVISED FEBRUARY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Performance measured with the INA199A3 at TA = +25°C, VS = +5V, VIN+ = 12V, and VREF = VS/2, unless otherwise noted.
OUTPUT VOLTAGE SWING
vs OUTPUT CURRENT
INPUT BIAS CURRENT vs COMMON-MODE VOLTAGE
(VS = 2.5V)
with SUPPLY VOLTAGE = +5V
Figure 7.
Figure 8.
INPUT BIAS CURRENT vs COMMON-MODE VOLTAGE
INPUT BIAS CURRENT
with SUPPLY VOLTAGE = 0V (Shutdown)
vs TEMPERATURE
Figure 9.
Figure 10.
QUIESCENT CURRENT
INPUT-REFERRED VOLTAGE NOISE
vs TEMPERATURE
vs FREQUENCY
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): INA199A1 INA199A2 INA199A3


Similar Part No. - INA199A1DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199A1DCKR TI-INA199A1DCKR Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A1DCKR TI1-INA199A1DCKR Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
More results

Similar Description - INA199A1DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199B1RSWT TI-INA199B1RSWT Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA213BIDCKR TI1-INA213BIDCKR Datasheet
1Mb / 29P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA214AIRSWR TI1-INA214AIRSWR Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA214 TI-INA214 Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT-SHUNT MONITOR
INA210 TI-INA210 Datasheet
581Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199B2DCKR TI1-INA199B2DCKR Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A1 TI1-INA199A1_14 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA191 TI1-INA191 Datasheet
461Kb / 22P
[Old version datasheet]   Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com