Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSLF7045-330M Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TPSLF7045-330M
Description  TPSLF Wirewound Power Inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSLF7045-330M Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TPSLF7045-330M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPSLF7045-330M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPSLF7045-330M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPSLF7045-330M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPSLF7045-330M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSLF7045-330M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSLF7045-330M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSLF7045-330M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSLF7045-330M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
01 of 10
Chip Shielded
Wirewound
Power Inductors
TPSLF Wirewound Power Inductors
Token Offers Wirewound Power Inductor
0.0050Ω Low DCR Value (TPSLF)
Preview
Token has once again extended its TPSLF family of low-profile, wire wound, high-current inductors with a new
device that offers the lowest direct current resistance (DCR) available in a compact (6.2mm x 6.2mm), (7.4mm x
7.4mm), (10.1mm x 10.1mm), (12.5mm x 12.5mm) package with a low 3.0mm, 3.5mm, 4.5mm, 5.1mm, 5.5mm,
6.5mm, and 7.5mm height profile.
Token TPSLF Wirewound Power Inductors feature RoHS-compliant and a 100 percent Pb-free, magnetically
shielded, composite construction that reduces buzz noise to ultra-low levels.
The TPSLF series is a high-performance, space-saving and power-saving solution for DC-DC converter
applications for products such as Game machine, HDD, Notebook PC, Projector, PDA, mobile devices, notebook
computers, desktop computers, and servers. Other applications include low-profile, and high-current power
supplies.
Features :
- Magnetically shielded construction.
- Large Current and Low DCR.
- Compact and thin.
Applications :
- Computers, DC-DC converter, VCR Camera.
Selection Guide for Chip Inductors :
- TPSLF6028: Inductance 10.00μH ~ 330.00μH; DCR 0.150Ω ~ 4.940Ω; IDC 1.10A ~ 0.19A.
- TPSLF7032: Inductance 1.00μH ~ 1000.00μH; DCR 0.019Ω ~ 7.020Ω; IDC 3.12A ~ 0.10A.
- TPSLF7045: Inductance 1.00μH ~ 1000.00μH; DCR 0.023Ω ~ 4.100Ω; IDC 2.88A ~ 0.17A.
- TPSLF10145: Inductance 10.00μH ~ 1500.00μH; DCR 0.0364Ω ~ 3.400Ω; IDC 3.00A ~ 0.22A.
- TPSLF12555: Inductance 6.00μH ~ 1500.00μH; DCR 0.0164Ω ~ 1.730Ω; IDC 3.60A ~ 0.29A.
- TPSLF12565: Inductance 2.00μH ~ 220.00μH; DCR 0.0117Ω ~ 0.273Ω; IDC 10.00A ~ 1.00A.
- TPSLF12575: Inductance 1.20μH ~ 220.00μH; DCR 0.0050Ω ~ 0.258Ω; IDC 13.00A ~ 1.30A.
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TPSLF7045-330M

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
AVX Corporation
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
logo
Eaton All Rights Reserv...
TPS EATON-TPS Datasheet
865Kb / 4P
   TPS DC non-indicating power distribution fuses
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
734Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
Transko Electronics, In...
TPS TRANSKO-TPS Datasheet
411Kb / 1P
   FR-4 SMD LVPECL OUTPUT OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
More results

Similar Description - TPSLF7045-330M

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TPU1813DHP TOKEN-TPU1813DHP Datasheet
403Kb / 4P
   TPUDHP Wirewound Power Inductors
logo
Pulse A Technitrol Comp...
PD0120NL PULSE-PD0120NL Datasheet
192Kb / 2P
   SMT POWER INDUCTORS Wirewound - PD0120NL Series
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com