Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSLF7045-3R3M Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # TPSLF7045-3R3M
Description  TPSLF Wirewound Power Inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSLF7045-3R3M Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  TPSLF7045-3R3M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPSLF7045-3R3M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPSLF7045-3R3M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPSLF7045-3R3M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPSLF7045-3R3M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSLF7045-3R3M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSLF7045-3R3M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSLF7045-3R3M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSLF7045-3R3M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
04 of 10
(TPSLF7032) Electrical Characteristics
Part Number
Inductance (µH)
Test Freq. (KHz)
DCR (Ω) (max)
IDC (A)(max)
TPSLF7032 - 1R0M
1.00
1
0.019
3.12
TPSLF7032 - 1R5M
1.50
1
0.023
2.85
TPSLF7032 - 1R8M
1.80
1
0.028
2.66
TPSLF7032 - 2R2M
2.20
1
0.028
2.66
TPSLF7032 - 2R7M
2.70
1
0.030
2.40
TPSLF7032 - 3R3M
3.30
1
0.035
2.26
TPSLF7032 - 4R7M
4.70
1
0.043
1.96
TPSLF7032 - 5R6M
5.60
1
0.050
1.80
TPSLF7032 - 6R8M
6.80
1
0.055
1.76
TPSLF7032 - 8R2M
8.20
1
0.065
1.50
TPSLF7032 - 100M
10.00
1
0.080
1.34
TPSLF7032 - 120M
12.00
1
0.090
1.23
TPSLF7032 - 150M
15.00
1
0.120
1.09
TPSLF7032 - 180M
18.00
1
0.130
0.99
TPSLF7032 - 220M
22.00
1
0.150
0.90
TPSLF7032 - 270M
27.00
1
0.210
0.81
TPSLF7032 - 330M
33.00
1
0.250
0.72
TPSLF7032 - 390M
39.00
1
0.310
0.67
TPSLF7032 - 470M
47.00
1
0.350
0.60
TPSLF7032 - 560M
56.00
1
0.430
0.55
TPSLF7032 - 680M
68.00
1
0.520
0.50
TPSLF7032 - 820M
82.00
1
0.600
0.46
TPSLF7032 - 101M
100.00
1
0.790
0.41
TPSLF7032 - 121M
120.00
1
0.804
0.35
TPSLF7032 - 151M
150.00
1
1.100
0.30
TPSLF7032 - 181M
180.00
1
1.250
0.28
TPSLF7032 - 221M
220.00
1
1.560
0.25
TPSLF7032 - 271M
270.00
1
1.830
0.24
TPSLF7032 - 331M
330.00
1
2.900
0.23
TPSLF7032 - 391M
390.00
1
3.300
0.22
TPSLF7032 - 471M
470.00
1
3.600
0.21
TPSLF7032 - 561M
560.00
1
4.100
0.19
TPSLF7032 - 681M
680.00
1
4.600
0.18
TPSLF7032 - 821M
820.00
1
5.900
0.12
TPSLF7032 - 102M
1000.00
1
7.020
0.10
Note: Test Freq.: 1KHz / 0.25V.
Operating Temp.: -40°C ~ +85°C.
Inductance drop=10% typ. at IDC.
TPSLF7032 Wirewound Power Inductors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TPSLF7045-3R3M

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
AVX Corporation
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
logo
Eaton All Rights Reserv...
TPS EATON-TPS Datasheet
865Kb / 4P
   TPS DC non-indicating power distribution fuses
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
734Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
Transko Electronics, In...
TPS TRANSKO-TPS Datasheet
411Kb / 1P
   FR-4 SMD LVPECL OUTPUT OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
More results

Similar Description - TPSLF7045-3R3M

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TPU1813DHP TOKEN-TPU1813DHP Datasheet
403Kb / 4P
   TPUDHP Wirewound Power Inductors
logo
Pulse A Technitrol Comp...
PD0120NL PULSE-PD0120NL Datasheet
192Kb / 2P
   SMT POWER INDUCTORS Wirewound - PD0120NL Series
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com