Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSH0303-1R0N Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # TPSH0303-1R0N
Description  TPSH SMT Low Profile Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSH0303-1R0N Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  TPSH0303-1R0N Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPSH0303-1R0N Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPSH0303-1R0N Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPSH0303-1R0N Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPSH0303-1R0N Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSH0303-1R0N Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSH0303-1R0N Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSH0303-1R0N Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSH0303-1R0N Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
03 of 14
TPSH0301 Low Profile Power Inductors
Version 2010
(TPSH0301) Electrical Characteristics
Part Number
Inductance (µH)
Test Freq. ( KHz )
DCR (Ω) (max)
IDC (A) (max)
TPSH0301 - 1R0N
1.0
100
0.060
1.60
TPSH0301 - 1R2N
1.2
100
0.065
1.40
TPSH0301 - 1R5N
1.5
100
0.077
1.24
TPSH0301 - 1R8N
1.8
100
0.093
1.22
TPSH0301 - 2R2N
2.2
100
0.125
1.20
TPSH0301 - 3R3N
3.3
100
0.187
0.89
TPSH0301 - 3R9N
3.9
100
0.220
0.78
TPSH0301 - 4R7N
4.7
100
0.240
0.71
TPSH0301 - 5R6N
5.6
100
0.320
0.62
TPSH0301 - 6R8N
6.8
100
0.350
0.57
TPSH0301 - 8R2N
8.2
100
0.470
0.52
TPSH0301 - 100M
10
100
0.570
0.47
TPSH0301 - 120M
12
100
0.750
0.43
TPSH0301 - 150M
15
100
0.810
0.38
TPSH0301 - 180M
18
100
1.060
0.35
TPSH0301 - 220M
22
100
1.150
0.32
TPSH0301 - 270M
27
100
1.670
0.29
TPSH0301 - 330M
33
100
1.840
0.28
TPSH0301 - 390M
39
100
2.310
0.25
TPSH0301 - 470M
47
100
2.630
0.22
TPSH0301 - 560M
56
100
2.860
0.20
TPSH0301 - 680M
68
100
3.940
0.18
TPSH0301 - 820M
82
100
4.900
0.16
TPSH0301 - 101M
100
1
5.740
0.14
TPSH0301 - 121M
120
1
7.310
0.13
TPSH0301 - 151M
150
1
9.080
0.12
Note: 1.0 ~ 82µH Test Freq.: 100KHz/0.25V; 100 ~ 150µH Test Freq.: 1KHz / 0.3V.
IDC: The current when the inductance becomes 35% lower than its nominal value.(ta=20°C).
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TPSH0303-1R0N

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
AVX Corporation
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
logo
Eaton All Rights Reserv...
TPS EATON-TPS Datasheet
865Kb / 4P
   TPS DC non-indicating power distribution fuses
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
734Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
Transko Electronics, In...
TPS TRANSKO-TPS Datasheet
411Kb / 1P
   FR-4 SMD LVPECL OUTPUT OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
More results

Similar Description - TPSH0303-1R0N

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
   Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
   Low Profile Power Inductors
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS4012FT SUPERWORLD-SPS4012FT Datasheet
694Kb / 9P
   Low Profile Power Inductors
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
   Low Profile Power Inductors
SPS3020FT SUPERWORLD-SPS3020FT Datasheet
248Kb / 5P
   Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS5012FTR47N SUPERWORLD-SPS5012FTR47N Datasheet
303Kb / 8P
   Low Profile Power Inductors
SPC4018FT-R56NZF SUPERWORLD-SPC4018FT-R56NZF Datasheet
848Kb / 7P
   Low Profile Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com