Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25165S14I-1.8 Datasheet(PDF) 9 Page - Xicor Inc.

Part # X25165S14I-1.8
Description  Programmable Watchdog Timer & V CC Supervisory Circuit w/Serial E 2 PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25165S14I-1.8 Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X25165S14I-1.8 Datasheet HTML 5Page - Xicor Inc. X25165S14I-1.8 Datasheet HTML 6Page - Xicor Inc. X25165S14I-1.8 Datasheet HTML 7Page - Xicor Inc. X25165S14I-1.8 Datasheet HTML 8Page - Xicor Inc. X25165S14I-1.8 Datasheet HTML 9Page - Xicor Inc. X25165S14I-1.8 Datasheet HTML 10Page - Xicor Inc. X25165S14I-1.8 Datasheet HTML 11Page - Xicor Inc. X25165S14I-1.8 Datasheet HTML 12Page - Xicor Inc. X25165S14I-1.8 Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
X25643/45
X25323/25
X25163/65
9
A.C. CHARACTERISTICS (Over recommended operating conditions, unless otherwise specified)
Data Input Timing
7036 FRM T13
Symbol
Parameter
Voltage Range
Min.
Max.
Units
fSCK
Clock Frequency
2.7V–5.5V
1.8V–3.6V
0
2
1
MHz
tCYC
Cycle Time
2.7V–5.5V
1.8V–3.6V
500
1000
ns
tLEAD
CS Lead Time
2.7V–5.5V
1.8V–3.6V
250
500
ns
tLAG
CS Lag Time
2.7V–5.5V
1.8V–3.6V
250
500
ns
tWH
Clock HIGH Time
2.7V–5.5V
1.8V–3.6V
200
400
ns
tWL
Clock LOW Time
2.7V–5.5V
1.8V–3.6V
200
400
ns
tSU
Data Setup Time
2.7V–5.5V
1.8V–3.6V
50
ns
tH
Data Hold Time
2.7V–5.5V
1.8V–3.6V
50
ns
tRI
(3)
Input Rise Time
2.7V–5.5V
1.8V–3.6V
100
ns
tFI
(3)
Input Fall Time
2.7V–5.5V
1.8V–3.6V
100
ns
tCS
CS Deselect Time
2.7V–5.5V
1.8V–3.6V
500
ns
tWC
(4)
Write Cycle Time
2.7V–5.5V
1.8V–3.6V
10
ms
EQUIVALENT A.C. LOAD CIRCUIT AT 5V VCC
A.C. TEST CONDITIONS
7036 FRM T12
5V
OUTPUT
100pF
5V
3.3K
RESET/RESET
30pF
1.64K
1.64K
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and Fall Times
10ns
Input and Output Timing Level
VCC x0.5


Similar Part No. - X25165S14I-1.8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25160 ICMIC-X25160 Datasheet
126Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25160F ICMIC-X25160F Datasheet
126Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25160FP ICMIC-X25160FP Datasheet
126Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25160FV ICMIC-X25160FV Datasheet
126Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
More results

Similar Description - X25165S14I-1.8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25648 XICOR-X25648 Datasheet
73Kb / 16P
   V CC Supervisory Circuit w/Serial E 2 PROM
X25644 XICOR-X25644 Datasheet
76Kb / 15P
   Programmable Watchdog Timer w/Serial E 2 PROM
logo
Summit Microelectronics...
SMS2902 SUMMIT-SMS2902 Datasheet
157Kb / 14P
   Voltage Supervisory Circuit With Watchdog Timer
S4242 SUMMIT-S4242 Datasheet
102Kb / 16P
   Dual Voltage Supervisory Circuit With Watchdog Timer
logo
STMicroelectronics
SPC560P34L1 STMICROELECTRONICS-SPC560P34L1 Datasheet
830Kb / 103P
   Programmable watchdog timer
September 2013 Rev 7
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Xicor Inc.
X25043 XICOR-X25043 Datasheet
93Kb / 15P
   Programmable Watchdog Supervisory E2PROM
logo
Catalyst Semiconductor
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com