Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM3220ARZ-RL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADuM3220ARZ-RL7
Description  4 A Dual-Channel Gate Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3220ARZ-RL7 Datasheet(HTML) 1 Page - Analog Devices

  ADuM3220ARZ-RL7 Datasheet HTML 1Page - Analog Devices ADuM3220ARZ-RL7 Datasheet HTML 2Page - Analog Devices ADuM3220ARZ-RL7 Datasheet HTML 3Page - Analog Devices ADuM3220ARZ-RL7 Datasheet HTML 4Page - Analog Devices ADuM3220ARZ-RL7 Datasheet HTML 5Page - Analog Devices ADuM3220ARZ-RL7 Datasheet HTML 6Page - Analog Devices ADuM3220ARZ-RL7 Datasheet HTML 7Page - Analog Devices ADuM3220ARZ-RL7 Datasheet HTML 8Page - Analog Devices ADuM3220ARZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
4 A Dual-Channel Gate Driver
ADuM3220
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
4 A peak output current
Precise timing characteristics
60 ns maximum isolator and driver propagation delay
5 ns maximum channel-to-channel matching
High junction temperature operation: 125°C
3.3 V to 5 V input logic
4.5 V to 18 V output drive
UVLO at 2.5 V VDD1 and 4.1 V VDD2
Thermal shutdown protection at >150°C
Output shoot-through logic protection
Default low output
High frequency operation: dc to 1 MHz
CMOS input logic levels
High common-mode transient immunity: >25 kV/μs
Enhanced system-level ESD performance per IEC 61000-4-x
UL 1577 2500 V rms input-to-output withstand voltage
(pending)
Small footprint and low profile
Narrow body, RoHS-compliant, 8-lead SOIC
5 mm × 6 mm × 1.6 mm
APPLICATIONS
Isolated synchronous dc/dc converters
MOSFET/IGBT gate drivers
GENERAL DESCRIPTION
The ADuM32201 is a 4 A isolated, dual-channel gate driver
based on the Analog Devices, Inc., iCoupler® technology.
Combining high speed CMOS and monolithic transformer
technology, this isolation component provides outstanding
performance characteristics superior to the alternatives, such
as the combination of pulse transformers and gate drivers.
The ADuM3220 isolator provides two independent isolation
channels. It has a maximum propagation delay of 60 ns and 5 ns
channel-to-channel matching. In comparison to gate drivers
employing high voltage level translation methodologies, the
ADuM3220 offers the benefit of true, galvanic isolation
between the input and each output, enabling voltage translation
across the isolation barrier. The ADuM3220 has shoot-through
protection logic and a default output low characteristic as
required for gate drive applications. It operates with an input
supply voltage ranging from 3.0 V to 5.5 V, providing compat-
ibility with lower voltage systems. The outputs may be operated
at supply voltages from 5 V to 18 V, which supports typical gate
drive voltages for synchronous dc/dc converters.
The ADuM3220 isolator contains various circuit and layout
enhancements to provide increased capability relative to
system-level IEC 61000-4-x testing (ESD, burst, and surge).
The precise capability in these tests is strongly determined by
the design and layout of the user’s board or module. For more
information, see the AN-793 Application Note, ESD/Latch-Up
Considerations with iCoupler Isolation Products.
The ADuM3220 specifies the junction temperature from −40°C
to 125°C.
FUNCTIONAL BLOCK DIAGRAM
ENCODE
ENCODE
DECODE
AND
LEVEL
SHIFT
DECODE
AND
LEVEL
SHIFT
VDD1
VIA
VIB
GND1
VDD2
VOA
VOB
GND2
1
2
3
4
8
7
6
5
ADuM3220
Figure 1.
1 Protected by U.S. Patents 5,952,849; 6,873,065; 7,075,239. Other patents pending.


Similar Part No. - ADuM3220ARZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM3220ARZ-RL7 AD-ADuM3220ARZ-RL7 Datasheet
614Kb / 16P
   Isolated, 4 A Dual-Channel Gate Driver
REV. C
ADUM3220ARZ-RL7 AD-ADUM3220ARZ-RL7 Datasheet
859Kb / 16P
   Isolated, 4 A Dual-Channel Gate Driver
Rev. D
More results

Similar Description - ADuM3220ARZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3220BRZ AD-ADUM3220BRZ Datasheet
614Kb / 16P
   Isolated, 4 A Dual-Channel Gate Driver
REV. C
ADUM3220 AD-ADUM3220_V01 Datasheet
859Kb / 16P
   Isolated, 4 A Dual-Channel Gate Driver
Rev. D
logo
Infineon Technologies A...
2EDN7424 INFINEON-2EDN7424 Datasheet
793Kb / 24P
   Fast Dual Channel 4 A Low-Side Gate Driver
Revision 2.0 2016-11-09
logo
Texas Instruments
UCC21220 TI1-UCC21220 Datasheet
724Kb / 39P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21551 TI-UCC21551 Datasheet
1Mb / 47P
[Old version datasheet]   UCC21551x 4-A, 6-A, Reinforced Isolation Dual-Channel Gate Driver
REVISED JUNE 2023
UCC21550 TI1-UCC21550 Datasheet
2Mb / 49P
[Old version datasheet]   UCC21550x 4-A, 6-A, Reinforced Isolation Dual-Channel Gate Driver
REVISED NOVEMBER 2023
logo
STMicroelectronics
STGAP2HD STMICROELECTRONICS-STGAP2HD Datasheet
803Kb / 24P
   Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
logo
Texas Instruments
UCC21220 TI1-UCC21220_18 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21225A TI1-UCC21225A Datasheet
1Mb / 45P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver in LGA
UCC21551-Q1 TI-UCC21551-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21551-Q1 Automotive 4-A, 6-A, Reinforced Isolation Dual-Channel Gate Driver
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com