Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM3220ARZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADuM3220ARZ
Description  4 A Dual-Channel Gate Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3220ARZ Datasheet(HTML) 4 Page - Analog Devices

  ADuM3220ARZ Datasheet HTML 1Page - Analog Devices ADuM3220ARZ Datasheet HTML 2Page - Analog Devices ADuM3220ARZ Datasheet HTML 3Page - Analog Devices ADuM3220ARZ Datasheet HTML 4Page - Analog Devices ADuM3220ARZ Datasheet HTML 5Page - Analog Devices ADuM3220ARZ Datasheet HTML 6Page - Analog Devices ADuM3220ARZ Datasheet HTML 7Page - Analog Devices ADuM3220ARZ Datasheet HTML 8Page - Analog Devices ADuM3220ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADuM3220
Rev. 0 | Page 4 of 16
ELECTRICAL CHARACTERISTICS—3.3 V OPERATION
All voltages are relative to their respective ground. 3.0 V ≤ VDD1 ≤ 3.6 V, 4.5 V ≤ VDD2 ≤ 18 V, unless stated otherwise. All minimum/
maximum specifications apply over TJ = −40°C to 125°C. All typical specifications are at TJ = 25°C, VDD1 = 3.3 V, VDD2 = 10 V. Switching
specifications are tested with CMOS signal levels.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Input Supply Current, Two Channels, Quiescent
IDDI(Q)
0.7
1.0
mA
Output Supply Current, Two Channels, Quiescent
IDDO(Q)
4.7
10
mA
Total Supply Current, Two Channels1
DC to 1 MHz
VDD1 Supply Current
IDD1(Q)
0.8
1.0
mA
DC to 1 MHz logic signal
frequency
VDD2 Supply Current
IDD2(Q)
11
17
mA
DC to 1 MHz logic signal frequency
Input Currents
IIA, IIB
−10
+0.01
+10
μA
0 ≤ VIA, VIB ≤ VDD1
Logic High Input Threshold
VIH
0.7 × VDD1
V
Logic Low Input Threshold
VIL
0.3 × VDD1
V
Logic High Output Voltages
VOAH, VOAH
VDD2 − 0.1
VDD2
V
IOx = −20 mA, VIx = VIxH
Logic Low Output Voltages
VOAL, VOBL
0.0
0.15
V
IOx = +20 mA, VIx = VIxL
Undervoltage Lockout, VDD2 Supply
Positive Going Threshold
VDD2UV+
3.7
4.1
4.4
V
Negative Going Threshold
VDD2UV−
3.2
3.7
4.1
V
Hysteresis
VDD2UVH
0.4
V
Output Short-Circuit Pulsed Current2
IOA(SC), IOB(SC)
2.0
4.0
A
VDD2 = 10 V
SWITCHING SPECIFICATIONS
Pulse Width3
PW
100
ns
CL = 2 nF, VDD2 = 10 V
Data Rate4
1
MHz
CL = 2 nF, VDD2 = 10 V
Propagation Delay5
tDLH, tDHL
36
48
62
ns
CL = 2 nF, VDD2 = 10 V; see Figure 17
tDLH, tDHL
37
53
72
ns
CL = 2 nF, VDD2 = 4.5 V; see Figure 17
Propagation Delay Skew6
tPSK
12
ns
CL = 2 nF, VDD2 = 10 V; see Figure 17
Channel-to-Channel Matching7
tPSKCD
1
5
ns
CL = 2 nF, VDD2 = 10 V; see Figure 17
tPSKCD
1
7
ns
CL = 2 nF, VDD2 = 4.5 V; see Figure 17
Output Rise/Fall Time (10% to 90%)
tR/tF
14
20
25
ns
CL = 2 nF, VDD2 = 10 V; see Figure 17
tR/tF
14
22
28
ns
CL = 2 nF, VDD2 = 4.5 V; see Figure 17
Dynamic Input Supply Current per Channel
IDDI(D)
0.025
mA/Mbps
VDD2 = 10 V
Dynamic Output Supply Current per Channel
IDDO(D)
1.5
mA/Mbps
VDD2 = 10 V
Refresh Rate
fr
1.1
Mbps
1 The supply current values for both channels are combined when running at identical data rates. Output supply current values are specified with no output load
present. The supply current associated with an individual channel operating at a given data rate can be calculated as described in the
section. See
Figure 8 and Figure 9 for total VDD1 and VDD2 supply currents as a function of data rate.
Power Consumption
2Short-circuit duration less than 1 μs. Average power must conform to the limit shown under the
.
.Absolute Maximum Ratings
3 The minimum pulse width is the shortest pulse width at which the specified pulse width distortion is guaranteed.
4 The maximum data rate is the fastest data rate at which the specified pulse width distortion is guaranteed.
5 TDLH propagation delay is measured from the 90% level of the rising edge of the VIx signal to the 10% level of the rising edge of the VOx signal. tDHL propagation delay is
measured from the 10% level of the falling edge of the VIx signal to the 90% level of the falling edge of the VOx signal. See Figure 17 for waveforms of propagation
delay parameters.
6 tPSK is the magnitude of the worst-case difference in tDLH and/or tDHL that is measured between units at the same operating temperature, supply voltages, and output
load within the recommended operating conditions. See Figure 17 for waveforms of propagation delay parameters.
7 Channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the isolation barrier.


Similar Part No. - ADuM3220ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM3220ARZ AD-ADuM3220ARZ Datasheet
614Kb / 16P
   Isolated, 4 A Dual-Channel Gate Driver
REV. C
ADUM3220ARZ AD-ADUM3220ARZ Datasheet
859Kb / 16P
   Isolated, 4 A Dual-Channel Gate Driver
Rev. D
ADuM3220ARZ-RL7 AD-ADuM3220ARZ-RL7 Datasheet
614Kb / 16P
   Isolated, 4 A Dual-Channel Gate Driver
REV. C
ADUM3220ARZ-RL7 AD-ADUM3220ARZ-RL7 Datasheet
859Kb / 16P
   Isolated, 4 A Dual-Channel Gate Driver
Rev. D
More results

Similar Description - ADuM3220ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3220BRZ AD-ADUM3220BRZ Datasheet
614Kb / 16P
   Isolated, 4 A Dual-Channel Gate Driver
REV. C
ADUM3220 AD-ADUM3220_V01 Datasheet
859Kb / 16P
   Isolated, 4 A Dual-Channel Gate Driver
Rev. D
logo
Infineon Technologies A...
2EDN7424 INFINEON-2EDN7424 Datasheet
793Kb / 24P
   Fast Dual Channel 4 A Low-Side Gate Driver
Revision 2.0 2016-11-09
logo
Texas Instruments
UCC21220 TI1-UCC21220 Datasheet
724Kb / 39P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21551 TI-UCC21551 Datasheet
1Mb / 47P
[Old version datasheet]   UCC21551x 4-A, 6-A, Reinforced Isolation Dual-Channel Gate Driver
REVISED JUNE 2023
UCC21550 TI1-UCC21550 Datasheet
2Mb / 49P
[Old version datasheet]   UCC21550x 4-A, 6-A, Reinforced Isolation Dual-Channel Gate Driver
REVISED NOVEMBER 2023
logo
STMicroelectronics
STGAP2HD STMICROELECTRONICS-STGAP2HD Datasheet
803Kb / 24P
   Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
logo
Texas Instruments
UCC21220 TI1-UCC21220_18 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21225A TI1-UCC21225A Datasheet
1Mb / 45P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver in LGA
UCC21551-Q1 TI-UCC21551-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21551-Q1 Automotive 4-A, 6-A, Reinforced Isolation Dual-Channel Gate Driver
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com