Electronic Components Datasheet Search |
|
X28C512PM-15 Datasheet(PDF) 10 Page - Xicor Inc. |
|
X28C512PM-15 Datasheet(HTML) 10 Page - Xicor Inc. |
10 / 25 page 10 X28C512/X28C513 D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions, unless otherwise specified.) Limits Symbol Parameter Min. Max. Units Test Conditions ICC VCC Current (Active) 50 mA CE = OE = VIL, WE = VIH, (TTL Inputs) All I/O’s = Open, Address Inputs = .4V/2.4V Levels @ f = 5MHz ISB1 VCC Current (Standby) 3 mA CE = VIH, OE = VIL (TTL Inputs) All I/O’s = Open, Other Inputs = VIH ISB2 VCC Current (Standby) 500 µA CE = VCC – 0.3V, OE = VIL (CMOS Inputs) All I/O’s = Open, Other Inputs = VIH ILI Input Leakage Current 10 µAVIN = VSS to VCC ILO Output Leakage Current 10 µAVOUT = VSS to VCC, CE = VIH VlL(1) Input LOW Voltage –1 0.8 V VIH(1) Input HIGH Voltage 2 VCC + 1 V VOL Output LOW Voltage 0.4 V IOL = 2.1mA VOH Output HIGH Voltage 2.4 V IOH = –400µA 3856 PGM T04.2 ABSOLUTE MAXIMUM RATINGS* Temperature under Bias X28C512/513 ............................... –10 °C to +85°C X28C512I/513I ........................... –65 °C to +135°C X28C512M/513M ....................... –65 °C to +135°C Storage Temperature ....................... –65 °C to +150°C Voltage on any Pin with Respect to VSS ....................................... –1V to +7V D.C. Output Current ............................................. 5mA Lead Temperature (Soldering, 10 seconds) .............................. 300 °C *COMMENT Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and the functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating condi- tions for extended periods may affect device reliability. RECOMMEND OPERATING CONDITIONS Temperature Min. Max. Commercial 0 °C +70 °C Industrial –40 °C +85 °C Military –55 °C +125 °C 3856 PGM T02 Notes: (1) VIL min. and VIH max. are for reference only and are not tested. Supply Voltage Limits X28C512/513 5V ±10% 3856 PGM T03.1 |
Similar Part No. - X28C512PM-15 |
|
Similar Description - X28C512PM-15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |