Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25324S14I-1.8 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X25324S14I-1.8
Description  Programmable Watchdog Timer w/Serial E 2 PROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25324S14I-1.8 Datasheet(HTML) 3 Page - Xicor Inc.

  X25324S14I-1.8 Datasheet HTML 1Page - Xicor Inc. X25324S14I-1.8 Datasheet HTML 2Page - Xicor Inc. X25324S14I-1.8 Datasheet HTML 3Page - Xicor Inc. X25324S14I-1.8 Datasheet HTML 4Page - Xicor Inc. X25324S14I-1.8 Datasheet HTML 5Page - Xicor Inc. X25324S14I-1.8 Datasheet HTML 6Page - Xicor Inc. X25324S14I-1.8 Datasheet HTML 7Page - Xicor Inc. X25324S14I-1.8 Datasheet HTML 8Page - Xicor Inc. X25324S14I-1.8 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
X25644/46
X25324/26
X25164/66
3
PRINCIPLES OF OPERATION
The device is designed to interface directly with the syn-
chronous Serial Peripheral Interface (SPI) of many popu-
lar microcontroller families.
The device monitors the bus and asserts RESET/RESET
output if there is no bus activity within user programmable
time-out period. The device contains an 8-bit instruction
register. It is accessed via the SI input, with data being
clocked in on the rising edge of SCK. CS must be LOW
during the entire operation.
All instructions (Table 1), addresses and data are trans-
ferred MSB first. Data input on the SI line is latched on the
first rising edge of SCK after CS goes LOW. Data is out-
put on the SO line by the falling edge of SCK. SCK is
static, allowing the user to stop the clock and then start it
again to resume operations where left off.
Write Enable Latch
The device contains a Write Enable Latch. This latch must
be SET before a Write Operation is initiated. The WREN
instruction will set the latch and the WRDI instruction will
reset the latch (Figure 3). This latch is automatically reset
upon a power-up condition and after the completion of a
valid Write Cycle.
Status Register
The RDSR instruction provides access to the Status Reg-
ister. The Status Register may be read at any time, even
during a Write Cycle. The Status Register is formatted as
follows:
The Write-In-Progress (WIP) bit is a volatile, read only bit
and indicates whether the device is busy with an internal
nonvolatile write operation. The WIP bit is read using the
RDSR instruction. When set to a “1”, a nonvolatile write
operation is in progress. When set to a “0”, no write is in
progress.
The Write Enable Latch (WEL) bit indicates the Status of
the Write Enable Latch. When WEL=1, the latch is set
HIGH and when WEL=0 the latch is reset LOW. The WEL
bit is a volatile, read only bit. It can be set by the WREN
instruction and can be reset by the WRDI instruction.
The Block Lock bits, BL0 and BL1, set the level of Block
LockTM Protection. These nonvolatile bits are pro-
grammed using the WRSR instruction and allow the user
to protect one quarter, one half, all or none of the
E2PROM array. Any portion of the array that is Block Lock
Protected can be read but not written. It will remain pro-
tected until the BL bits are altered to disable Block Lock
Protection of that portion of memory.
7029 FRM T03
7
6
5
4
3
2
1
0
WPEN
FLB
WD1 WD0
BL1
BL0
WEL
WIP
7029 FRM T02
Status
Register
Bits
Array Addresses Protected
BL1 BL0
X2564x
X2532x
X2516x
0
0
None
None
None
0
1
$1800–$1FFF $0C00–$0FFF $0600–$07FF
1
0
$1000–$1FFF $0800–$0FFF $0400–$07FF
1
1
$0000–$1FFF $0000–$0FFF $0000–$07FF
Table 1. Instruction Set
*Instructions are shown MSB in leftmost position. Instructions are transferred MSB first.
7029 FRM T04
Instruction Name
Instruction Format*
Operation
WREN
0000 0110
Set the Write Enable Latch (Enable Write Operations)
SFLB
0000 0000
Set Flag Bit
WRDI/RFLB
0000 0100
Reset the Write Enable Latch/Reset Flag Bit
RSDR
0000 0101
Read Status Register
WRSR
0000 0001
Write Status Register(Watchdog, BlockLock & WPEN Bits)
READ
0000 0011
Read Data from Memory Array Beginning at Selected Address
WRITE
0000 0010
Write Data to Memory Array Beginning at Selected Address


Similar Part No. - X25324S14I-1.8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25320 XICOR-X25320 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25320F ICMIC-X25320F Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25320FG ICMIC-X25320FG Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25320FP ICMIC-X25320FP Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
More results

Similar Description - X25324S14I-1.8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25643 XICOR-X25643 Datasheet
76Kb / 16P
   Programmable Watchdog Timer & V CC Supervisory Circuit w/Serial E 2 PROM
X25648 XICOR-X25648 Datasheet
73Kb / 16P
   V CC Supervisory Circuit w/Serial E 2 PROM
logo
STMicroelectronics
SPC560P34L1 STMICROELECTRONICS-SPC560P34L1 Datasheet
830Kb / 103P
   Programmable watchdog timer
September 2013 Rev 7
logo
OKI electronic componet...
MSM16911 OKI-MSM16911 Datasheet
329Kb / 8P
   1024-BIT SERIAL E-2 PROM
logo
Xicor Inc.
X24641 XICOR-X24641 Datasheet
66Kb / 13P
   400 KHz 2-Wire Serial E 2 PROM
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
logo
Texas Instruments
TPS3431 TI1-TPS3431 Datasheet
1Mb / 30P
[Old version datasheet]   Standard Programmable Watchdog Timer with Enable
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
logo
Texas Instruments
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com