Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP-P56-1S-C Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # CP-P56-1S-C
Description  P cores and accessories
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CP-P56-1S-C Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  CP-P56-1S-C Datasheet HTML 1Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ferrxocube
P cores and accessories
P66/56
General data
PARAMETER
SPECIFICATION
Coil former material
polyetylenterephtalate (PET), glass reinforced, flame retardant in
accordance with „UL 94V-0“; UL file number E41938
Maximum operating temperature
155
°C, “IEC 60085”, class F
Resistance to soldering heat
“IEC 60068-2020”, Part 2, Test Tb, method 1B: 350
°C, 3.5 s
Winding data
NUMBER OF
SECTIONS
WINDING AREA
(mm
2)
MINIMUM
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
TYPE NUMBER
1
400
37.9
130
CP-P66/56-1S-C


Similar Part No. - CP-P56-1S-C

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-P5-1S FERROXCUBE-CP-P5-1S Datasheet
28Kb / 1P
   P cores and accessories
CP-P5-1S-A FERROXCUBE-CP-P5-1S-A Datasheet
80Kb / 1P
   P cores and accessories
CP-P5-1S-C FERROXCUBE-CP-P5-1S-C Datasheet
37Kb / 1P
   CP-P9-1S-C
CP-P5-1S-NC FERROXCUBE-CP-P5-1S-NC Datasheet
38Kb / 1P
   CP-P9-1S-NC
CP-P5-2S-C FERROXCUBE-CP-P5-2S-C Datasheet
39Kb / 1P
   CP-P9-2S-C
More results

Similar Description - CP-P56-1S-C

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
P26 FERROXCUBE-P26_1 Datasheet
34Kb / 3P
   P cores and accessories
CP-P30-1S FERROXCUBE-CP-P30-1S Datasheet
34Kb / 1P
   P cores and accessories
CP-P42-1S-A FERROXCUBE-CP-P42-1S-A Datasheet
79Kb / 1P
   P cores and accessories
ADJ-P18 FERROXCUBE-ADJ-P18 Datasheet
59Kb / 1P
   P cores and accessories
CP-P26-1S FERROXCUBE-CP-P26-1S Datasheet
33Kb / 1P
   P cores and accessories
CP-P26-1S-A FERROXCUBE-CP-P26-1S-A Datasheet
80Kb / 1P
   P cores and accessories
P11 FERROXCUBE-P11 Datasheet
98Kb / 10P
   P cores and accessories
P14 FERROXCUBE-P14_1 Datasheet
39Kb / 3P
   P cores and accessories
P18 FERROXCUBE-P18 Datasheet
104Kb / 10P
   P cores and accessories
P26I FERROXCUBE-P26I Datasheet
52Kb / 4P
   P cores and accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com