Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9148-EBZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9148-EBZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148-EBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9148-EBZ Datasheet HTML 2Page - Analog Devices AD9148-EBZ Datasheet HTML 3Page - Analog Devices AD9148-EBZ Datasheet HTML 4Page - Analog Devices AD9148-EBZ Datasheet HTML 5Page - Analog Devices AD9148-EBZ Datasheet HTML 6Page - Analog Devices AD9148-EBZ Datasheet HTML 7Page - Analog Devices AD9148-EBZ Datasheet HTML 8Page - Analog Devices AD9148-EBZ Datasheet HTML 9Page - Analog Devices AD9148-EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
AD9148
Preliminary Technical Data
Rev. PrA | Page 6 of 73
DIGITAL INPUT DATA TIMING SPECIFICATIONS
Table 3.
Parameter
Min
Typ
Max
Unit
LATENCY (DACCLK CYCLES)
1× Interpolation (With or Without Coarse Modulation)
64
Cycles
2× Interpolation (With or Without Coarse Modulation)
125
Cycles
4× Interpolation (With or Without Coarse Modulation)
254
Cycles
8× Interpolation (With or Without Coarse Modulation)
508
Cycles
Inverse Sinc (1× Interpolation)
10
Cycles
Inverse Sinc (2× Interpolation)
20
Cycles
Inverse Sinc (4× Interpolation)
40
Cycles
Inverse Sinc (8× Interpolation)
80
Cycles
Fine Modulation
12
Cycles
Power–Up Time
TBD
ms
Table 4. Maximum Rate
Maximum Rate (MSPS)
Interface Mode
fINTERFACE
fDATA
fHB1
fHB2
fHB3
fDAC
Dual Port Mode
620
310
620
1000
1000
1000
Single Port Mode or Byte Mode
1200
300
600
1000
1000
1000
FIFO A
FIFO B
CLK GENERATOR
AND DISTRIBUTOR
fINTERFACE
fDATA
fHB1
fHB2
fHB3
fDAC
DAC1
AND
DAC2
DAC3
AND
DAC4
32
32
32
DCIA
DACCLK
DATA
PORT A
DATA
PORT B
DATA
ASSEMBLER
INPUT
LATCH
DCIB
DATA
ASSEMBLER
INPUT
LATCH
WRITE PTR A
WRITE PTR B
32
32
32
INTERFACE
MODE
ONE DCI
DATAPATH
DATAPATH
Figure 3. Defining Maximum Rates


Similar Part No. - AD9148-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142-M5372-EBZ AD-AD9142-M5372-EBZ Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142-M5375-EBZ AD-AD9142-M5375-EBZ Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142A AD-AD9142A Datasheet
1Mb / 73P
   Multiple chip synchronization
AD9142A-M5372-EBZ AD-AD9142A-M5372-EBZ Datasheet
1Mb / 73P
   Multiple chip synchronization
More results

Similar Description - AD9148-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9154 AD-AD9154 Datasheet
2Mb / 124P
   Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
logo
Texas Instruments
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com