Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRMB451616-YTRYN151 Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # TRMB451616-YTRYN151
Description  TRMB Chip Multilayer Bead Inductors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRMB451616-YTRYN151 Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

Back Button TRMB451616-YTRYN151 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TRMB451616-YTRYN151 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TRMB451616-YTRYN151 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TRMB451616-YTRYN151 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TRMB451616-YTRYN151 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TRMB451616-YTRYN151 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TRMB451616-YTRYN151 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TRMB451616-YTRYN151 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TRMB451616-YTRYN151 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
06 of 17
Version 2010
TRMB Chip Multilayer Bead Inductors
Continued from the preceding page.
Part Number
Impedance
(Ω)
Tolerance
(± %)
Freq.
(MHz)
DCR
(Ω)(max)
IDC
(mA)(max)
TRMB160808 - YTRYN401
400
25
100
0.50
200
TRMB160808 - YTRYN421
420
25
100
0.50
200
TRMB160808 - YTRYN451
450
25
100
0.50
200
TRMB160808 - YTRYN471
470
25
100
0.50
200
TRMB160808 - YTRYN501
500
25
100
0.50
200
TRMB160808 - YTRYN601
600
25
100
0.50
200
TRMB160808 - YTRYN751
750
25
100
0.70
200
TRMB160808 - YTRYN801
800
25
100
0.70
200
TRMB160808 - YTRYN102
1000
25
100
0.70
200
TRMB160808 - YTRYN122
1200
25
100
1.00
50
TRMB160808 - YTRYN152
1500
25
100
1.00
50
TRMB160808 - YTRYN172
1700
25
100
1.20
50
TRMB160808 - YTRYN202
2000
25
100
1.20
50
TRMB160808 - YTRYN222
2200
25
100
1.20
50
TRMB160808 - YTRYN252
2500
25
100
1.30
50
TRMB160808 - YTRYN272
2700
25
100
1.30
50
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TRMB451616-YTRYN151

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
   Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
logo
Richco, Inc.
TRM-1 RICHCO-TRM-1 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-2 RICHCO-TRM-2 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-3 RICHCO-TRM-3 Datasheet
184Kb / 1P
   TR/TRM Series
logo
Optoway Technology Inc
TRM-3002AG OPTOWAY-TRM-3002AG Datasheet
131Kb / 4P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Multi-Mode Transceiver
More results

Similar Description - TRMB451616-YTRYN151

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK1005HS121-T TAIYO-YUDEN-BK1005HS121-T Datasheet
168Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK2125LM252-T TAIYO-YUDEN-BK2125LM252-T Datasheet
161Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK1608HS121-T TAIYO-YUDEN-BK1608HS121-T Datasheet
1Mb / 27P
   MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
BK1608HM601-T TAIYO-YUDEN-BK1608HM601-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK1608HS470-T TAIYO-YUDEN-BK1608HS470-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603HM600-T TAIYO-YUDEN-BK0603HM600-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603LL100-T TAIYO-YUDEN-BK0603LL100-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603TM601-T TAIYO-YUDEN-BK0603TM601-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603TM800-T TAIYO-YUDEN-BK0603TM800-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603TS121-T TAIYO-YUDEN-BK0603TS121-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com