Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRMB451616-YTRYN500 Datasheet(PDF) 11 Page - Token Electronics Industry Co., Ltd.

Part # TRMB451616-YTRYN500
Description  TRMB Chip Multilayer Bead Inductors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRMB451616-YTRYN500 Datasheet(HTML) 11 Page - Token Electronics Industry Co., Ltd.

Back Button TRMB451616-YTRYN500 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TRMB451616-YTRYN500 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TRMB451616-YTRYN500 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TRMB451616-YTRYN500 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TRMB451616-YTRYN500 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. TRMB451616-YTRYN500 Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. TRMB451616-YTRYN500 Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. TRMB451616-YTRYN500 Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. TRMB451616-YTRYN500 Datasheet HTML 15Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11 of 17
Version 2010
TRMB Chip Multilayer Bead Inductors
Part Number:
How to Order
Y
TRMB160808
TR
Impedance Tolerance
Y
H
Packaging: TR (Taping Reel)
Code
Part Number
TRMA100505
0402
TRMA160808
0603
TRMA201209
0805
TRMA321611
1206
TRMB321616
1206
TRMA322513
1210
TRMA451616
1806
TRMA453215
1812
Design Code
Impedance
Code
Impedance
060
6 Ω
100
10 Ω
330
33 Ω
152
1500 Ω
100
Code
Inductance
Y
± 25%
M
± 20%
Code
Inductance
Y
ui:200
Q
ui:75
Current
Code
Current
H
High Current
N
General Current
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TRMB451616-YTRYN500

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
   Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
logo
Richco, Inc.
TRM-1 RICHCO-TRM-1 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-2 RICHCO-TRM-2 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-3 RICHCO-TRM-3 Datasheet
184Kb / 1P
   TR/TRM Series
logo
Optoway Technology Inc
TRM-3002AG OPTOWAY-TRM-3002AG Datasheet
131Kb / 4P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Multi-Mode Transceiver
More results

Similar Description - TRMB451616-YTRYN500

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK1005HS121-T TAIYO-YUDEN-BK1005HS121-T Datasheet
168Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK2125LM252-T TAIYO-YUDEN-BK2125LM252-T Datasheet
161Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK1608HS121-T TAIYO-YUDEN-BK1608HS121-T Datasheet
1Mb / 27P
   MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
BK1608HM601-T TAIYO-YUDEN-BK1608HM601-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK1608HS470-T TAIYO-YUDEN-BK1608HS470-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603HM600-T TAIYO-YUDEN-BK0603HM600-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603LL100-T TAIYO-YUDEN-BK0603LL100-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603TM601-T TAIYO-YUDEN-BK0603TM601-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603TM800-T TAIYO-YUDEN-BK0603TM800-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603TS121-T TAIYO-YUDEN-BK0603TS121-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com