Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRMB321611-YTRYN701 Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # TRMB321611-YTRYN701
Description  TRMB Chip Multilayer Bead Inductors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRMB321611-YTRYN701 Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  TRMB321611-YTRYN701 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TRMB321611-YTRYN701 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TRMB321611-YTRYN701 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TRMB321611-YTRYN701 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TRMB321611-YTRYN701 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TRMB321611-YTRYN701 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TRMB321611-YTRYN701 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TRMB321611-YTRYN701 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TRMB321611-YTRYN701 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
02 of 17
Version 2010
TRMB Chip Multilayer Bead Inductors
Dimensions
B
A
C
D
Recommended Patternl
F
E
G
Type
A
B
C
D
E
F
G
TRMB100505 (0402) 1.0 ± 0.10 0.50 ± 0.10 0.5 ± 0.10 0.25 ± 0.10
0.4
1.2~1.4
0.4
TRMB160808 (0603) 1.6 ± 0.20 0.80 ± 0.15 0.8 ± 0.15 0.30 ± 0.20
0.8
2.4~3.4
0.6
TRMB201209 (0805) 2.0 ± 0.20 1.25 ± 0.20 0.9 ± 0.20 0.50 ± 0.30
1.2
3.0~4.0
1.0
TRMB321611 (1206) 3.2 ± 0.20 1.60 ± 0.20 1.1 ± 0.20 0.50 ± 0.30
2.0
4.2~5.2
1.2
TRMB321616 (1206) 3.2 ± 0.20 1.60 ± 0.20 1.6 ± 0.20 0.50 ± 0.30
2.0
4.2~5.2
1.2
TRMB322513 (1210) 3.2 ± 0.20 2.50 ± 0.20 1.3 ± 0.20 0.50 ± 0.30
2.0
5.5~6.5
1.8
TRMB451616 (1806) 4.5 ± 0.25 1.60 ± 0.20 1.6 ± 0.20 0.50 ± 0.30
3.0
5.5~6.5
1.2
TRMB453215 (1812) 4.5 ± 0.25 3.20 ± 0.20 1.5 ± 0.20 0.50 ± 0.30
3.0
5.5~6.5
2.4
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TRMB321611-YTRYN701

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
   Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
logo
Richco, Inc.
TRM-1 RICHCO-TRM-1 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-2 RICHCO-TRM-2 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-3 RICHCO-TRM-3 Datasheet
184Kb / 1P
   TR/TRM Series
logo
Optoway Technology Inc
TRM-3002AG OPTOWAY-TRM-3002AG Datasheet
131Kb / 4P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Multi-Mode Transceiver
More results

Similar Description - TRMB321611-YTRYN701

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK1005HS121-T TAIYO-YUDEN-BK1005HS121-T Datasheet
168Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK2125LM252-T TAIYO-YUDEN-BK2125LM252-T Datasheet
161Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK1608HS121-T TAIYO-YUDEN-BK1608HS121-T Datasheet
1Mb / 27P
   MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
BK1608HM601-T TAIYO-YUDEN-BK1608HM601-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK1608HS470-T TAIYO-YUDEN-BK1608HS470-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603HM600-T TAIYO-YUDEN-BK0603HM600-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603LL100-T TAIYO-YUDEN-BK0603LL100-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603TM601-T TAIYO-YUDEN-BK0603TM601-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603TM800-T TAIYO-YUDEN-BK0603TM800-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603TS121-T TAIYO-YUDEN-BK0603TS121-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com