Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRMA453215-YTRYH800 Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # TRMA453215-YTRYH800
Description  TRMA High Current Inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRMA453215-YTRYH800 Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  TRMA453215-YTRYH800 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TRMA453215-YTRYH800 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TRMA453215-YTRYH800 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TRMA453215-YTRYH800 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TRMA453215-YTRYH800 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TRMA453215-YTRYH800 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TRMA453215-YTRYH800 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TRMA453215-YTRYH800 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TRMA453215-YTRYH800 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
05 of 10
Version 2010
TRMA High Current Inductors
Part Number
Impedance
(Ω)
Tolerance
(± %)
Freq.
(MHz)
DCR
(Ω)(max)
IDC
(mA)(max)
TRMA201209 - YTRYH501
500
25
100
0.100
2000
TRMA201209 - YTRYH601
600
25
100
0.100
2000
TRMA201209 - YTRYH751
750
25
100
0.120
1500
TRMA201209 - YTRYH102
1000
25
100
0.120
1500
TRMA201209 - YTRYH152
1500
25
100
0.300
1000
Continued from the preceding page.
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TRMA453215-YTRYH800

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
   Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
logo
Richco, Inc.
TRM-1 RICHCO-TRM-1 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-2 RICHCO-TRM-2 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-3 RICHCO-TRM-3 Datasheet
184Kb / 1P
   TR/TRM Series
logo
Optoway Technology Inc
TRM-3002AG OPTOWAY-TRM-3002AG Datasheet
131Kb / 4P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Multi-Mode Transceiver
More results

Similar Description - TRMA453215-YTRYH800

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A Datasheet
345Kb / 5P
   High Current Inductors
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A_V01 Datasheet
316Kb / 5P
   High Current Inductors
01-Jan-2022
logo
Nuvotem Talema
HB-035-1150 TALEMA-HB-035-1150 Datasheet
332Kb / 3P
   High Current Inductors
logo
Central Technologies
CTHRF CT-CTHRF Datasheet
162Kb / 1P
   High Current Inductors
logo
Rhombus Industries Inc.
L-20451 RHOMBUS-IND-L-20451 Datasheet
35Kb / 1P
   High Current Inductors
logo
Filtran LTD
CTP4551 FILTRAN-CTP4551 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
logo
Bourns Electronic Solut...
2217-V BOURNS-2217-V Datasheet
111Kb / 1P
   High Current Toroid Inductors
logo
Rohm
2204-V ROHM-2204-V Datasheet
111Kb / 1P
   High Current Toroid Inductors
logo
Bourns Electronic Solut...
2216-H BOURNS-2216-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2101-RC BOURNS-2101-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com