Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP-P4-1S-A Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # CP-P4-1S-A
Description  P cores and accessories
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CP-P4-1S-A Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  CP-P4-1S-A Datasheet HTML 1Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ferroxcube
P cores and accessories
P7/4
COIL FORMERS
General data for coil former CP-P7/4-1S
Winding data for coil former CP-P7/4-1S
PARAMETER
SPECIFICATION
Coil former material
Maximum operating temperature
130 C
NUMBER OF
SECTIONS
WINDING
AREA
(mm2)
MINIMUM
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
TYPE NUMBER
1
1.9
1.93
14.6
CP-P7/4-1S-A
polyamide (PA 66), glass reinforced, flame retardant in accordance with
"UL 94V-0"; UL file number E41938


Similar Part No. - CP-P4-1S-A

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-P42-1S FERROXCUBE-CP-P42-1S Datasheet
33Kb / 1P
   P cores and accessories
CP-P42-1S-A FERROXCUBE-CP-P42-1S-A Datasheet
79Kb / 1P
   P cores and accessories
CP-P42-1S-B FERROXCUBE-CP-P42-1S-B Datasheet
27Kb / 1P
   CP-P42-1S-B
CP-P42-29-1S-B FERROXCUBE-CP-P42-29-1S-B Datasheet
80Kb / 2P
   Dimensions for product: P42/29
CP-P42-29-1S-C FERROXCUBE-CP-P42-29-1S-C Datasheet
80Kb / 2P
   Dimensions for product: P42/29
More results

Similar Description - CP-P4-1S-A

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
P26 FERROXCUBE-P26_1 Datasheet
34Kb / 3P
   P cores and accessories
CP-P30-1S FERROXCUBE-CP-P30-1S Datasheet
34Kb / 1P
   P cores and accessories
CP-P42-1S-A FERROXCUBE-CP-P42-1S-A Datasheet
79Kb / 1P
   P cores and accessories
ADJ-P18 FERROXCUBE-ADJ-P18 Datasheet
59Kb / 1P
   P cores and accessories
CP-P26-1S FERROXCUBE-CP-P26-1S Datasheet
33Kb / 1P
   P cores and accessories
CP-P26-1S-A FERROXCUBE-CP-P26-1S-A Datasheet
80Kb / 1P
   P cores and accessories
P11 FERROXCUBE-P11 Datasheet
98Kb / 10P
   P cores and accessories
P14 FERROXCUBE-P14_1 Datasheet
39Kb / 3P
   P cores and accessories
P18 FERROXCUBE-P18 Datasheet
104Kb / 10P
   P cores and accessories
P26I FERROXCUBE-P26I Datasheet
52Kb / 4P
   P cores and accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com