Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRB172505HP Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # LRB172505HP
Description  LRB Open Air Low Resistance Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRB172505HP Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  LRB172505HP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LRB172505HP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LRB172505HP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
- Low inductance.
- High stability open-air style.
- Precision alloys resistive element.
- Lead (Pb)-free and RoHS compliant.
- Standard tolerance ±3%, ±5%, ±10%.
- Radial leads, low resistance value 2 mΩ ~ 50 mΩ.
Preview
Developed for current sensing and shunt applications, Token’s LRB series of bare element resistors have a
precision alloys (Ni-Cu) element welded construction. Built-in stand-offs and standard spacings make for easy
mounting.
The bare metal element design allows for maximum cooling via airflow, forcing less heat into the PCB. The
flameproof construction offers values down to 2mΩ with low inductance. Customer can specify resistance range
designed to satisfy challenging and specific technical requirements.
These factors make the LRB Series an outstanding choice for all types of high current power supplies and
power applications requiring a robust part that is impervious to most environmental stresses. The device is ideal
for current limited, Current balance, and sampling sense in power supplier. It takes on the capability of high
overload, and the function easily welding and non inductance as well.
The LRB Series is available in bulk packaging and is RoHS compliant and lead free. For non-standard technical
requirements and special applications,
please contact us with your specific needs.
LRB Open Air Low Resistance Resistors
TOKEN
Token’s Low Resistance, Low Inductance,
Open-Air Resistor is Alternative Shunts (LRB)
Open Air
Low Resistance
Resistors
Applications
- CPU Drive Control.
- Power Tool Motor controls.
- Automotive, Feedback System.
- Inverter and Switching Power Supplies.
- Power Supply Shunt, Current Detective.
- Residual Battery Power Detection,
and Current Sensing.


Similar Part No. - LRB172505HP

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
LRB-1/2-D-7-O-K2-MIDI FESTO-LRB-1/2-D-7-O-K2-MIDI Datasheet
102Kb / 1P
   Pressure regulator manifold
LRB-1/2-D-7-O-K3-MIDI FESTO-LRB-1/2-D-7-O-K3-MIDI Datasheet
107Kb / 1P
   Pressure regulator manifold
LRB-1/2-D-7-O-K4-MIDI FESTO-LRB-1/2-D-7-O-K4-MIDI Datasheet
109Kb / 1P
   Pressure regulator manifold
LRB-1/2-D-7-O-K5-MIDI FESTO-LRB-1/2-D-7-O-K5-MIDI Datasheet
110Kb / 1P
   Pressure regulator manifold
LRB-1/2-D-O-K2-MIDI FESTO-LRB-1/2-D-O-K2-MIDI Datasheet
101Kb / 1P
   Pressure regulator manifold
More results

Similar Description - LRB172505HP

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LRA350-009 TOKEN-LRA350-009 Datasheet
371Kb / 3P
   LRA Low Ohmic Open Air Resistors
logo
IRC - a TT electronics ...
OAR-TP1R100JLF IRCTT-OAR-TP1R100JLF Datasheet
144Kb / 2P
   Open Air Sense Resistors
logo
Welwyn Components Limit...
OAR-1 WELWYN-OAR-1 Datasheet
95Kb / 2P
   Open Air Sense Resistors
logo
IRC - a TT electronics ...
OAR1R100FLF IRCTT-OAR1R100FLF Datasheet
165Kb / 2P
   Open Air Current Sense Resistors
logo
Vishay Siliconix
SR1 VISHAY-SR1 Datasheet
113Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR5R0150FE14 VISHAY-SR5R0150FE14 Datasheet
86Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR VISHAY-SR Datasheet
80Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
logo
List of Unclassifed Man...
RBL62FTR020 ETC-RBL62FTR020 Datasheet
523Kb / 7P
   Low Resistance Chip Resistors
logo
Token Electronics Indus...
OAR1R005FP TOKEN-OAR1R005FP Datasheet
371Kb / 3P
   OAR Open Air Current Sense Resistors
LSQ-A-3 TOKEN-LSQ-A-3 Datasheet
418Kb / 4P
   LSQ Open Air Current Sense Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com