Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRSB20W0R1KZ Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # DRSB20W0R1KZ
Description  DRS Power Adjustable Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DRSB20W0R1KZ Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  DRSB20W0R1KZ Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DRSB20W0R1KZ Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DRSB20W0R1KZ Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DRSB20W0R1KZ Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DRSB20W0R1KZ Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
05 of 05
How to Order
DRSA
600W
Part Number: DRSA
DRSB
250R
J
Rated Power (W): 20W~1300W
15W~20000W
Resistance Value (Ω):
Resistance Tolerance (%)
Code
Resistance Tolerance
J
±5%
K
±10%
G
Code
Resistance Value
0R1
0.1Ω
1R
10R
10Ω
100R
100Ω
1K
1KΩ
10K
10KΩ
100K
100KΩ
Assembly Method
Code
Assembly Method
N
No mount.
C
Clip mount.
G
Horizontal mount.
Z
Vertical mount.
Product type means one of FVR, DQS, DSRA, DSRB, BSR, BSQ.
Rated Wattage means power rating at End Resistance Value.
Resistance Value (Ω) means maximum resistance value (End Resistance Value).
Resistance Tolerance means precision range of End Resistance Value.
1. Power Rating of VR (Variable Resistor) is determined by the maximum resistance value
(End Resistance Value).
2. Resistance and Power Rating should be decreased while you are adjusting the screw.
Notes:
● Adjustability is 10% to 90% of full resistance value.
● Wattage is proportional to this adjusted resistance value.
Power Rating:
● Based on 25°C free air rating. The stated wattage rating applies only when the entire resistance is
in the circuit.
● Setting the lug at an intermediate point reduces the wattage rating by approximately the same
proportion.
● Example: If the lug is set at half resistance, the wattage is reduced by approximately one-half.
If you need current constant type or special specifications, please feel free to cntact us.
Version 2010
DRS Power Adjustable Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Back to 1st Page - Round-Wire Power Adjustable Resistors (DRS)


Similar Part No. - DRSB20W0R1KZ

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DRS COPAL-DRS Datasheet
802Kb / 4P
   Hyper-Miniature Dip Rotary Switches
logo
M-System Co.,Ltd.
DRS MSYSTEM-DRS Datasheet
118Kb / 4P
   Plug-in Signal Conditioners M-UNIT
DRS-0-B MSYSTEM-DRS-0-B Datasheet
118Kb / 4P
   Plug-in Signal Conditioners M-UNIT
DRS-0-B/E MSYSTEM-DRS-0-B/E Datasheet
118Kb / 4P
   Plug-in Signal Conditioners M-UNIT
DRS-0-B/E2 MSYSTEM-DRS-0-B/E2 Datasheet
118Kb / 4P
   Plug-in Signal Conditioners M-UNIT
More results

Similar Description - DRSB20W0R1KZ

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
DQS1500W10RKG TOKEN-DQS1500W10RKG Datasheet
348Kb / 4P
   DQS Power Adjustable Resistors
BSR2000W20RK TOKEN-BSR2000W20RK Datasheet
344Kb / 4P
   BSR, BSQ Adjustable Power Resistors
logo
List of Unclassifed Man...
AVT-10 ETC2-AVT-10 Datasheet
70Kb / 1P
   ADJUSTABLE WIREWOUND RESISTORS
logo
Vishay Siliconix
AST VISHAY-AST Datasheet
118Kb / 6P
   Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
logo
Maxim Integrated Produc...
MAX17115EVKIT MAXIM-MAX17115EVKIT Datasheet
649Kb / 6P
   Adjustable Output Voltages (External Resistors)
Rev 0; 12/09
logo
Vishay Siliconix
OVSA VISHAY-OVSA Datasheet
112Kb / 3P
   Wirewound Resistors, Industrial Power, Tubular, Flat, Oval, Adjustable, OVSA
ASE VISHAY-ASE Datasheet
178Kb / 6P
   Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Edgewound Tubular
AVE VISHAY-AVE Datasheet
176Kb / 5P
   Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
Revision: 03-Jun-16
logo
List of Unclassifed Man...
MC14643 ETC2-MC14643 Datasheet
205Kb / 1P
   RoHS Compliant Wirewound Resistors, Adjustable, Vitresous
logo
Vishay Siliconix
RDEA VISHAY-RDEA Datasheet
108Kb / 5P
   Wirewound Resistors, Industrial Power, Tubular, Roundwire (RD), Adjustable (RDEA, RDSA)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com