Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJM74P1KJC3T Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RJM74P1KJC3T
Description  RJM Metal Film Precision Melf Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RJM74P1KJC3T Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RJM74P1KJC3T Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RJM74P1KJC3T Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RJM74P1KJC3T Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
RJM Metal Film Precision Melf Resistors
Dimensions & Recommended Soldering Bath Dimensions
Characteristics
L
D1
D
K
L1
W
S
H
Type
RJM72P
RJM73S
RJM73P
RJM74S
RJM74P
RJM16M
RJM17M
RJM18M
Metric type
DIN: 0102
DIN: 0204
DIN: 0207
DIN: 0411
Dimension
(mm)
L(±0.3)
2.2
3.5
5.7
6.0
8.7
11.8
L1(±0.3)
1.0
1.6
2.9
3.3
4.9
8.1
D(±0.3)
1.3
1.3
2.1
2.1
3.1
3.6
K(±0.2)
0.4
0.8
1.3
1.3
1.8
1.8
D1(±0.1) D+0/D-0.15
D+0/D-0.25
D+0/D-0.5
D+0/D-0.5
D+0/D-0.5
D+0/D-0.5
Soldering bath
(recommended)
(mm)
S
1.0
1.6
2.6
2.8
5.6
8.2
W
2.0
2.5
2.5
2.8
3.2
4.0
H
2.0
2.5
2.5
2.8
3.8
4.5
Type
RJM72P
RJM73S
RJM73P
RJM74S
RJM74P RJM16M
RJM17M
RJM18M
Metric type
DIN: 0102
DIN: 0204
DIN: 0207
DIN: 0411
Rated dissipation P
70
0.125W
0.125W
0.25W
0.25W
0.50W
1.0W
2.0W
3.0W
Resistance range (Ω)
10 ~ 1M
0.1 ~ 10M
0.1 ~ 22M
0.1 ~ 22M
Resistance tolerance (%)
J ( ±5 ); F ( ±1 ); D ( ±0.5 ); C ( ±0.25 ); B ( ±0.10 ); A5 ( ±0.05 )
Temperature coefficient(ppm/°C)
C2 ( ±50 ); C3 ( ±25 ); C5( ±15 ); C6 ( ±10 ); C7 ( ±5 )
Climatic category(LCT/UCT/days)
55 / 125 / 56
Operating voltage Umax
200V
200V
250V
250V
300V
350V
400V
450V
Temperature range
-55°C to 125°C
Insulation voltage (V)
300
300
300
300
600
700
800
900
Insulation resistance
>1GΩ
Notice: Resistance out of range, tolerance and temperature coefficient match are under request. RJM72 is still in trial production.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - RJM74P1KJC3T

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RJM72P0R1A5C1P TOKEN-RJM72P0R1A5C1P Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
RJM72P0R1A5C1TR TOKEN-RJM72P0R1A5C1TR Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
RJM72P0R1A5C2P TOKEN-RJM72P0R1A5C2P Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
RJM72P0R1A5C2TR TOKEN-RJM72P0R1A5C2TR Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
RJM72P0R1A5C3P TOKEN-RJM72P0R1A5C3P Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
More results

Similar Description - RJM74P1KJC3T

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MFMP MERITEK-MFMP Datasheet
314Kb / 2P
   Metal Film Precision MELF Resistors
logo
Token Electronics Indus...
RJM TOKEN-RJM Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
logo
RCD COMPONENTS INC.
MGP50S-R100-F RCD-MGP50S-R100-F Datasheet
40Kb / 1P
   METAL FILM MELF RESISTORS
logo
NIC-Components Corp.
NFR NIC-NFR Datasheet
96Kb / 6P
   Metal Film MELF Resistors
logo
KOA Speer Electronics, ...
RN41 KOA-RN41 Datasheet
562Kb / 3P
   fixed metal film melf resistors
logo
Vishay Siliconix
MMB0207 VISHAY-MMB0207 Datasheet
188Kb / 13P
   Precision Thin Film MELF Resistors
01-Jan-2022
logo
KOA Speer Electronics, ...
RN412BTTE1002J50 KOA-RN412BTTE1002J50 Datasheet
256Kb / 2P
   fixed metal film melf resistors
RN412AT KOA-RN412AT Datasheet
99Kb / 2P
   fixed metal film melf resistors
logo
WALSIN TECHNOLOGY CORPO...
WM07B_Q WALSIN-WM07B_Q Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXB WALSIN-WMXXB Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com