Electronic Components Datasheet Search |
|
DSQ100W100RJZ Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd. |
|
DSQ100W100RJZ Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd. |
4 / 4 page 04 of 04 Notes: ● Adjustability is 10% to 90% of full resistance value. ● Wattage is proportional to this adjusted resistance value. Power Rating: ● Based on 25°C free air rating. The stated wattage rating applies only when the entire resistance is in the circuit. ● Setting the lug at an intermediate point reduces the wattage rating by approximately the same proportion. ● Example: If the lug is set at half resistance, the wattage is reduced by approximately one-half. If you need current constant type or special specifications, please feel free to cntact us. How to Order DQS 1500W Part Number: DQS 10R K Rated Power (W): 75W~2000W Resistance Value (Ω): Resistance Tolerance (%) Code Resistance Tolerance H ±3% J ±5% K ±10% Product type means one of FVR, DQS, DSRA, DSRB, BSR, BSQ. Rated Wattage means power rating at End Resistance Value. Resistance Value (Ω) means maximum resistance value (End Resistance Value). Resistance Tolerance means precision range of End Resistance Value. 1. Power Rating of VR (Variable Resistor) is determined by the maximum resistance value (End Resistance Value). 2. Resistance and Power Rating should be decreased while you are adjusting the screw. G Code Resistance Value 0R1 0.1Ω 1R 1Ω 10R 10Ω 100R 100Ω Assembly Method Code Assembly Method N No mount. C Clip mount. G Horizontal mount. Z Vertical mount. Version 2010 DQS Power Adjustable Resistors Back to 1st Page - Power Adjustable Resistors (DQS) TOKEN http://www.token.com.tw/ rfq token.com.tw |
Similar Part No. - DSQ100W100RJZ |
|
Similar Description - DSQ100W100RJZ |